Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1877ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1877ACPZ-R7
Description  Dual Output Synchronous Buck PWM Controller With Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1877ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1877ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADP1877
Rev. 0 | Page 26 of 32
SWITCH NODE
The switch node is the noisiest place in the switcher circuit with
large ac and dc voltages and currents. This node should be wide
to keep resistive voltage drop down. To minimize the generation
of capacitively coupled noise, the total area should be small.
Place the FETs and inductor close together on a small copper
plane to minimize series resistance and keep the copper area small.
GATE DRIVER PATHS
Gate drive traces (DH and DL) handle high dI/dt and tend to
produce noise and ringing. They should be as short and direct
as possible. If possible, avoid using feedthrough vias in the gate
drive traces. If vias are needed, it is best to use two relatively
large ones in parallel to reduce the peak current density and the
current in each via. If the overall PCB layout is less than
optimal, slowing down the gate drive slightly can be very
helpful to reduce noise and ringing. It is occasionally helpful to
place small value resistors, such as between 2 Ω and 4 Ω, on the
DH and DL pins. These can be populated with 0 Ω resistors if
resistance is not needed. Note that the added gate resistance
increases the switching rise and fall times as well as switching
power loss in the MOSFET.
OUTPUT CAPACITORS
The negative terminal of the output filter capacitors should be
tied close to the source of the low side FET. Doing this helps to
minimize voltage differences between AGND and PGNDx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com