Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1877ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1877ACPZ-R7
Description  Dual Output Synchronous Buck PWM Controller With Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1877ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1877ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADP1877
Rev. 0 | Page 23 of 32
SWITCHING NOISE AND OVERSHOOT REDUCTION
In any high speed step-down regulator, high frequency noise
(generally in the range of 50 MHz to 100 MHz) and voltage
overshoot are always present at the gate, the switch node (SW),
and the drains of the external MOSFETs. The high frequency
noise and overshoot are caused by the parasitic capacitance,
CGD, of the external MOSFET and the parasitic inductance of
the gate trace and the packages of the MOSFETs. When the high
current is switched, electromagnetic interference (EMI) is
generated, which can affect the operation of the surrounding
circuits. To reduce voltage ringing and noise, it is required to
add an RC snubber between SW and PGND for applications with
more than 10 A output current, as illustrated in Figure 35.
Snubbers may also be needed in applications where the duty
cycle in one of the channels is higher than or equal to 50%. In
most applications, RSNUB is typically 2 Ω to 4 Ω, and CSNUB
typically 1.2 nF to 3 nF.
RSNUB can be estimated by
OSS
MOSFET
SNUB
C
L
R
2
≅
And CSNUB can be estimated by
OSS
SNUB
C
C
≅
where
:
LMOSFET is the total parasitic inductance of the high-side and
low-side MOSFETs, typically 3 nH, and is package dependent.
COSS is the total output capacitance of the high-side and low-
side MOSFETs given in the MOSFET data sheet.
The size of the RC snubber components need to be chosen
correctly to handle the power dissipation. The power dissipated
in RSNUB is
SW
SNUB
IN
SNUB
f
C
V
P
×
×
=
2
In most applications, a component size 0805 for RSNUB is sufficient.
However, the use of an RC snubber reduces the overall efficiency,
generally by an amount in the range of 0.1% to 0.5%. The RC
snubber cannot reduce the voltage overshoot. A resistor, shown
as RRISE in Figure 35, at the BSTx pin helps to reduce overshoot
and is generally between 2 Ω and 4 Ω. Adding a resistor in
series, typically between 2 Ω and 4 Ω, with the gate driver also
helps to reduce overshoot. If a gate resistor is added, then RRISE
is not needed.
DH1
SW1
ILIM1
DL1
PGND1
M2
M1
L
VOUT
COUTx
RSNUB
CSNUB
RRISE
BST1
VDL
RILIM1
ADP1877
(CHANNEL 1)
VIN
Figure 35. Application Circuit with a Snubber
VOLTAGE TRACKING
The ADP1877 includes a tracking feature that tracks a master
voltage. This feature is especially important when the ADP1877
is powering separate power supply voltages on a single integrated
circuit, such as the core and I/O voltages of a DSP or microcon-
troller. In these cases, improper sequencing can cause damage
to the load.
In all tracking configurations, the output can be set as low as 0.6 V
for a given operating condition. The soft start time setting of
the master voltage should be longer than the soft start of the
slave voltage. This forces the rise time of the master voltage to
be imposed on the slave voltage. If the soft start setting of the
slave voltage is longer, the slave comes up more slowly, and the
tracking relationship is not seen at the output.
Two tracking configurations are possible with the ADP1877:
coincident and ratiometric trackings. Full time DDR termination is
not recommended when using these tracking features.
COINCIDENT TRACKING
The most common application is coincident tracking, used in
core vs. I/O voltage sequencing and similar applications.
Coincident tracking limits the slave output voltage to be the
same as the master voltage until it reaches regulation. Connect
the slave TRK input to a resistor divider from the master voltage
that is the same as the divider used on the slave FB pin. This
forces the slave voltage to be the same as the master voltage. For
coincident tracking, use RTRKT = RTOP and RTRKB = RBOT, as shown
in Figure 37.
TIME
SLAVE VOLTAGE
MASTER VOLTAGE
Figure 36. Coincident Tracking
CSS1
100nF
CSS2
20nF
3.3V
VOUT1_MASTER
FB1
EN
RBOT
10kΩ
FB2
SS1
ADP1877
EN1
EN2
SS2
VCCO
TRK1
TRK2
RTOP
20kΩ
1.8V
VOUT2_SLAVE
RTRKB
10kΩ
RTRKT
20kΩ
1.1V
10kΩ
45.3kΩ
1MΩ
Figure 37. Example of a Coincident Tracking Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com