Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1877ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1877ACPZ-R7
Description  Dual Output Synchronous Buck PWM Controller With Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1877ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1877ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP1877
Rev. 0 | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
EN1
2
SYNC
3
VIN
4
VCCO
5
VDL
6
AGND
7
FREQ
8
EN2
24 SW1
NOTES
1. CONNECT THE BOTTOM EXPOSED PAD OF THE
LFCSP PACKAGE TO SYSTEM AGND PLANE.
23 DH1
22 PGND1
21 DL1
20 DL2
19 PGND2
18 DH2
17 SW2
TOP VIEW
(Not to Scale)
ADP1877
Figure 4. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN1
Enable Input for Channel 1. Drive EN1 high to turn on the Channel 1 controller, and drive it low to turn off. Tie
EN1 to VIN for automatic startup. For a precision UVLO, put an appropriately sized resistor divider from VIN to
AGND, and tie the midpoint to this pin.
2
SYNC
Frequency Synchronization Input. Accepts an external signal between 1× and 2.3× of the internal oscillator
frequency, fOSC, set by the FREQ pin. The controller operates in forced PWM when a signal is detected at SYNC or
when SYNC is high. The resulting switching frequency is ½ of the SYNC frequency. When SYNC is low or left
floating, the controller operates in pulse skip mode.
3
VIN
Connect to Main Power Supply. Bypass with a 1 μF or larger ceramic capacitor connected as close to this pin as
possible and PGND.
4
VCCO
Output of the Internal Linear Dropout Regulator (LDO). The internal circuitry and gate drivers are powered from
VCCO. Bypass VCCO to AGND with a 1 μF or larger ceramic capacitor. The VCCO output is always active, even
during fault conditions and cannot be turned off even if EN1/EN2 is low. For operations at VIN below 5 V, VIN can
be jumped to VCCO. Do not use the LDO to power other auxiliary system loads.
5
VDL
Power Supply for the Low-Side Driver. Bypass VDL to PGND with a 1 μF or greater ceramic capacitor. Connect
VCCO to VDL.
6
AGND
Analog Ground.
7
FREQ
Sets the desired operating frequency between 200 kHz and 1.5 MHz with one resistor between FREQ and AGND.
See Table 4 for more details. Connect FREQ to AGND for a preprogrammed 300 kHz or FREQ to VCCO for a 600 kHz
operating frequency.
8
EN2
Enable Input for Channel 2. Drive EN2 high to turn on the Channel 2 controller, and drive it low to turn off. Tie
EN2 to VIN for automatic startup. For a precision UVLO, put an appropriately sized resistor divider from VIN to
AGND, and tie the midpoint to this pin.
9
TRK2
Tracking Input for Channel 2. If the tracking function is not used, it is recommended to connect TRK2 to VCCO
through a resistor higher than 1 MΩ, or simply connect TRK2 between 0.7 V and 2 V to reduce the bias current
going into the TRK2 pin.
10
FB2
Output Voltage Feedback for Channel 2. Connect to Channel 2 via a resistor divider.
11
COMP2
Compensation Node for Channel 2. Output of Channel 2 error amplifier. Connect a series resistor-capacitor
network from COMP2 to AGND to compensate the regulation control loop.
12
RAMP2
Programmable Current Setting for Slope Compensation of Channel 2. Connect a resistor from RAMP2 to VIN. The
voltage at RAMP2 is 0.2 V.
13
SS2
Soft Start Input for Channel 2. Connect a capacitor from SS2 to AGND to set the soft start period. This node is
internally pulled up to 3.2 V through a 6.5 μA current source.
14
PGOOD2
Open-drain power-good indicator logic output with an internal 12 kΩ resistor connected between PGOOD2 and
VCCO. PGOOD2 is pulled to ground when the Channel 2 output is outside the regulation window. An external
pull-up resistor is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com