Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1877ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1877ACPZ-R7
Description  Dual Output Synchronous Buck PWM Controller With Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1877ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1877ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADP1877
Rev. 0 | Page 12 of 32
CH3 1V
CH2 2V
CH1 10V
CH4 1V
M10ms
A CH2
1.52V
CSS = 100nF
VOUT (CH3)
SS (CH4)
EN
SW
1
2
3
4
Figure 17. Enable Function
CH3 2V
CH2 2V
CH1 10V
CH4 2V Ω
M10ms
A CH2
3.76V
SW1
PGOOD1
VCCO (CH3)
VOUT, PRELOADED (CH4)
1
2
3
4
Figure 18. Thermal Shutdown Waveform
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
246
8
10
12
14
VIN (V)
300kHz
600kHz
850kHz
REFERENCE AT VIN = 2.75V
Figure 19. Change in fOSC vs. VIN
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–40
–15
10
35
60
85
110
135
TEMPERATURE (°C)
VIN = 12V; REFERENCED AT 25°C
Figure 20. fOSC vs. Temperature
50
100
150
200
250
300
350
2.5
4.5
6.5
8.5
10.5
12.5
14.5
VIN (V)
DH MINIMUM OFF TIME
DH MINIMUM ON TIME
Figure 21. Typical DH Minimum On Time and Off Time
–4
–3
–2
–1
0
1
2
3
4
–40
–15
10
35
60
85
110
135
TEMPERATURE (°C)
DH MINIMUM ON TIME
DH MINIMUM OFF TIME
Figure 22. DH Minimum On Time and Off Time Overtemperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com