Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1877ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1877ACPZ-R7
Description  Dual Output Synchronous Buck PWM Controller With Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1877ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1877ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADP1877
Rev. 0 | Page 7 of 32
SIMPLIFIED BLOCK DIAGRAM
DUPLICATE FOR
CHANNEL 2
BST1
PGND1
+
–
+
–
+
–
+
–
+
–
+
–
FB1
0.6V
OV
UV
PGOOD1
CURRENT SENSE
AMPLIFIER
DH1
DL1
ILIM1
SW1
VREF = 0.6V
6.5µA
+
+
–
ERROR
AMPLIFIER
FB1
COMP1
SS1
PWM
COMPARATOR
SLOPE COMP AND
RAMP GENERATOR
CURRENT
LIMIT
CONTROL
VCCO
RAMP1
50µA
3.2V
Gm
OV1
+
TRK1
CS GAIN
DRIVER LOGIC
CONTROL AND
STATE
MACHINE
OVER_LIM1
PULSE SKIP
OVER_LIM1
LDO
LOGIC
EN1
EN2
VIN
UVLO
OSCILLATOR
FREQ
SYNC
PH1
PH2
REF
VCCO
OV
UV
0.6V
THERMAL
SHUTDOWN
AGND
0.6V
+
–
+
–
VCCO
VDL
FAULT
OV1
LOGIC
OVER_LIM1
OV1
EN1
EN1_SW
LOGIC
UV1
1kΩ
0.9V
DCM
ZERO CROSS
DETECT
10kΩ
AV = 3, 6, 12, 24
VCCO
SYNC
DL
DRIVER
EN1_SW
EN2_SW
1MΩ
–
+
Figure 3. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com