Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2114ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2114ACPZ-R7
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP2114ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ADP2114
Rev. 0 | Page 3 of 40
SPECIFICATIONS
If unspecified, VDD = VINx = EN1 = EN2 = 5.0 V. The minimum and maximum specifications are valid for TJ = −40°C to +125°C, unless
otherwise specified. Typical values are at TJ = 25°C. All limits at temperature extremes are guaranteed via correlation using standard
statistical quality control (SQC).
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
VDD Bias Voltage
VDD
2.75
5.5
V
Undervoltage Lockout Threshold
UVLO
VDD rising
2.65
2.75
V
VDD falling
2.35
2.47
Undervoltage Lockout Hysteresis
0.18
V
Quiescent Current
IDDCh1
EN1 = VDD = 5 V, EN2 = GND, VFB1 = VDD,
OPCFG = GND
1.7
2.5
mA
IDDCh2
EN2 = VDD = 5V, EN1 = GND, VFB2 = VDD,
OPCFG = GND
1.7
2.5
mA
IDDCh1+Ch2
EN1 = EN2 = VDD = 5 V, VFB2 = VFB1 = VDD,
OPCFG = GND
3.0
4.0
mA
Shutdown Current
IDDSD
EN1 = EN2 = GND, VDD = VINx = 2.75 V to 5.5 V,
TJ = −40°C to +115°C
1.0
10
μA
ERROR INTEGRATOR (OTA)
FB1, FB2 Input Bias Current
IFB
Adjustable output, VFBx = 0.6 V,
V1SET, V2SET = VDD or via 82 kΩ to GND
1
65
nA
Fixed output; VFBx = 1.2 V,
V1SET, V2SET via 4.7 kΩ to GND
11
15
μA
Transconductance
gM
550
μA/V
COMPx VOLTAGE RANGE
COMPx Zero-Current Threshold
VCOMP, ZCT
Guaranteed by design
1.12
V
COMPx Clamp High Voltage
VCOMP, HI
VDD = VINx = 2.75 V to 5.5 V
2.36
2.45
V
COMPx Clamp Low Voltage
VCOMP, LO
VDD = VINx = 2.75 V to 5.5 V
0.65
0.70
V
OUTPUT CHARACTERISTICS
Output Voltage Accuracy
VFB
Adjustable output, TJ = 25
°C,
V1SET, V2SET = VDD or via 82 kΩ to GND
0.597
0.600
0.603
V
Adjustable output, TJ = −40
°C to +125°C,
V1SET, V2SET = VDD or via 82 kΩ to GND
0.594
0.600
0.606
V
VFB ERROR
Fixed output, TJ = 25
°C, V1SET, V2SET = GND
or via 4.7 kΩ, 8.2 kΩ, 15 kΩ, 27 kΩ,
47 kΩ to GND
−1.0
+1.0
%
Fixed output, TJ = −40
°C to +125°C,
V1SET, V2SET = GND or via 4.7 kΩ, 8.2 kΩ,
15 kΩ, 27 kΩ, 47 kΩ to GND
−1.5
+1.5
%
Line Regulation
VDD = VINx = 2.75 V to 5.5 V
0.05
%/V
Load Regulation
VDD = VINx = 2.75 V to 5.5 V
0.03
%/A
OSCILLATOR
All oscillator parameters provided for
VDD = 2.75 V to 5.5 V
Switching Frequency
fSW
FREQ tied to GND
255
300
345
kHz
FREQ via 8.2 kΩ to GND
510
600
690
kHz
FREQ via 27 kΩ to GND
1020
1200
1380
kHz
SYNC Frequency Range
fSYNC
fSYNC = 2 × fSW
FREQ tied to GND
400
1000
kHz
FREQ via 8.2 kΩ to GND
800
2000
kHz
FREQ via 27 kΩ to GND
1600
4000
kHz
SYNC Input Pulse Width
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com