Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2114ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2114ACPZ-R7
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2114ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADP2114
Rev. 0 | Page 22 of 40
The capacitance value of the soft start capacitor defines the soft
start time, tSS, based on
SS
SS
SS
REF
C
I
t
V
=
(1)
where:
VREF is the internal reference voltage, 0.6 V.
ISS is the soft start current, 6 μA.
CSS is the soft start capacitor value.
If the output voltage VOUT1 (VOUT2) is precharged prior to enabling
Channel 1 (Channel 2), the control logic prevents inductor
current reversal by holding the power MOSFETs off until the
soft start voltage ramp at SS1 (SS2) reaches the precharged
output voltage on VFB1 (VFB2), see Figure 67.
CH3 5.0V
CH2 1.0V
CH1 5.0V
CH4 500mV
M200µs
A CH1
2.4V
1
2
4
3
ENx
VOUT
SSx
SW
Figure 67. Start with a Precharged Load
POWER GOOD
The ADP2114 features open-drain, power-good outputs
(PGOOD1 and PGOOD2) that indicate when the converter
output voltage is within regulation. The power good signal
transitions low immediately when the corresponding channel is
disabled.
The power good circuitry monitors the output voltage on the
FB1 (FB2) pin and compares it to the rising and falling
thresholds shown in Table 1. If the output voltage, VOUT1
(VOUT2), exceeds the typical rising limit of 116% of the target
output voltage, VOUT1SET (VOUT2SET), the PGOOD1 (PGOOD2)
pin pulls low. The PGOOD1 (PGOOD2) pin continues to pull
low until the output voltage recovers down to 108% (typical) of
the target value.
If the output voltage drops below 84% of the target output voltage,
the corresponding PGOOD1 (PGOOD2) pin pulls low. The
PGOOD1 (PGOOD2) pin continues to pull low until the output
voltage rises to within 92% of the target output voltage. The
PGOOD1 (PGOOD2) pin then releases and signals the return
of the output voltage within the power good window.
The power good thresholds are shown in Figure 68. The PGOOD1
and PGOOD2 outputs also sink current if an overtemperature
condition is detected. Use these outputs as logical power good
signals by connecting the pull-up resistors from PGOOD1
(PGOOD2) to VDD. If the power good function is not used, the
pins can be left floating.
108%
92%
116%
84%
100%
100%
PGOOD1
(PGOOD2)
VOUT FALLING
VOUT RISING
POWER
GOOD
OVERVOLTAGE
UNDERVOLTAGE
UNDERVOLTAGE
POWER
GOOD
Figure 68. PGOOD1 and PGOOD2 Thresholds
PULSE SKIP MODE
The ADP2114 has built-in, pulse skip circuitry that turns on
during light loads, switching only as necessary to maintain the
output voltage within regulation. This allows the converter to
maintain high efficiency during light load operation by reducing
the switching losses. The pulse skip mode can be selected by
configuring the OPCFG pin according to Table 7. In pulse skip
mode, when the output voltage dips below regulation, the
ADP2114 enters PWM mode for a few oscillator cycles to
increase the output voltage back to regulation. During the
wait time between bursts, both power switches are off, and the
output capacitor supplies all load current. Because the output
voltage dips and recovers occasionally, the output voltage ripple
in this mode is larger than the ripple in the PWM mode of
operation.
If the converter is configured to operate in forced PWM mode
(by selecting that configuration on the OPCFG pin), the device
operates with a fixed switching frequency, even at light loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com