Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2114ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2114ACPZ-R7
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP2114ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADP2114
Rev. 0 | Page 4 of 40
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SYNC Pin Capacitance to GND
CSYNC
5
pF
SYNC Input Logic Low
VIL_SYNC
0.8
V
SYNC Input Logic High
VIH_SYNC
2.0
V
Phase Shift Between Channels
180
Degrees
CLKOUT Frequency
fCLKOUT
fCLKOUT = 2 × fSW
FREQ tied to GND
510
600
690
kHz
FREQ via 8.2 kΩ to GND
1020
1200
1380
kHz
FREQ via 27 kΩ to GND
2040
2400
2760
kHz
CLKOUT Positive Pulse Time
tCLKOUT
100
ns
CLKOUT Rise or Fall Time
CCLKOUT = 20 pF
10
ns
CURRENT LIMIT
All current limit parameters provided for
VDD = VINx = 2.75 V to 5.5 V
Peak Output Current Limit, Channel 1
ILIMIT1
OPCFG tied to GND or via 4.7 kΩ to GND
2.4
3.3
4.0
A
OPCFG via 8.2 kΩ or 15 kΩ to GND
3.5
4.5
5.3
A
Peak Output Current Limit, Channel 2
ILIMIT2
OPCFG tied to GND or via 4.7 kΩ to GND
2.4
3.3
4.0
A
OPCFG via 8.2 kΩ or 15 kΩ to GND
1.2
1.9
2.6
A
Current Sense Amplifier Gain
GCS
4
A/V
Hiccup Time
fSW = 300 kHz
10
13.6
17
ms
Number of Cumulative Current Limit
Cycles to Go into Hiccup
8
Cycles
SWITCH NODE CHARACTERISTICS
High-Side, P-Channel RDS ON1
VDD = VINx = 3.3 V
68
mΩ
VDD = VINx = 5.0 V
52
mΩ
Low-Side, N-Channel RDS ON1
VDD = VINx = 3.3 V
32
mΩ
VDD = VINx = 5.0 V
27
mΩ
SWx Minimum On Time
SWON MIN
VDD = VINx = 2.75 V to 5.5 V
107
ns
SWx Minimum Off Time
SWOFF MIN
VDD = VINx = 5.5 V
192
ns
VDD = VINx = 2.75 V
255
ns
SWx Maximum Leakage Current
VDD = VINx = 2.75 V to 5.5 V; ENx = GND,
TJ = −40°C to +115°C
0.1
15
μA
ENABLE INPUT
EN1, EN2 Logic Low Level
ENLOW
VDD = VINx = 2.75 V to 5.5 V
0.8
V
EN1, EN2 Logic High Level
ENHI
VDD = VINx = 2.75 V to 5.5 V
2
V
EN1, EN2 Input Leakage Current
IEN_LEAK
VDD = VINx = ENx = 2.75 V to 5.5 V,
TJ = −40°C to +115°C
0.1
1
μA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TTMSD
150
°C
Thermal Shutdown Hysteresis
25
°C
SOFT START
SS1, SS2 Pin Current
ISS1, ISS2
VDD = VINx = 2.75 V to 5.5 V; VSS = 0 V
4.8
6.0
7.8
μA
Soft Start Threshold Voltage
VSS_THRESH
VDD = VINx = 2.75 V to 5.5 V
0.65
V
Soft Start Pull-Down Current
VDD = VINx = 2.75 V to 5.5 V; EN = GND
0.5
mA
POWER GOOD
All power good parameters provided for
VDD = VINx = 2.75 V to 5.5 V
Overvoltage PGOODx Rising Threshold2
116
%
Overvoltage PGOODx Falling Threshold2
100
108
114
%
Undervoltage PGOODx Rising Threshold2
85
92
97
%
Undervoltage PGOODx Falling Threshold2
84
%
PGOODx Delay
50
μs
PGOODx Leakage Current
VPGOODx = VDD
0.1
1
μA
PGOODx Low Saturation Voltage
IPGOODx = 1 mA
50
110
mV
1 Pin-to-pin measurements.
2 The thresholds are expressed in percentage terms of the nominal output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com