Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2114ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP2114ACPZ-R7
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP2114ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
ADP2114
Rev. 0 | Page 31 of 40
In this case, the following values are substituted for the
variables in Equation 18:
gm = 550 μs
GCS = 4A/V
VREF = 0.6 V
VOUT = 3.3 V
COUT = 0.8 × 47 μF (capacitance derated by 20% to account
for dc bias).
From Equation 18,
RCOMP = 27 kΩ.
Substituting RCOMP in Equation 19 yields CCOMP = 1000 pF.
Table 10. Channel 1 Circuit Settings
Circuit Parameter
Setting
Value
Output Voltage, VOUT
Step 1
3.3 V
Reference Voltage, VREF
Fixed, typical
0.6 V
Error Amp Transconductance, gm
Fixed, typical
550 μs
Current Sense Gain, CCS
Fixed, typical
4 A/V
Switching Frequency, fSW
Step 2
600 kHz
Crossover Frequency, fC
1/12 fSW
50 kHz
Zero Frequency, fZERO
1/8 fCROSS
6.25 kHz
Output Inductor, LOUT
Step 3
3.3 μH
Output Capacitor, COUT
Step 4
47 μF, 6.3 V
Compensation Resistor, RCOMP
Equation 18
27 kΩ
Compensation Capacitor, CCOMP
Equation 19
1000 pF
CHANNEL 2 CONFIGURATION AND COMPONENTS
SELECTION
Complete the following steps to configure Channel 2:
1.
For the target output voltage, VOUT = 1.8 V, connect the
V2SET pin through a 15 kΩ resistor to GND (see Table 4).
Because one of the fixed output voltage options is chosen,
the feedback pin (FB2) must be directly connected to the
output of Channel 2, VOUT2.
2.
Estimate the duty-cycle, D, range (see Equation 20). Ideally,
IN
OUT
V
V
D =
That gives the duty cycle for the 1.8 V output voltage and
the nominal input voltage of DNOM = 0.36 at VIN = 5.0 V.
The minimum duty cycle for the maximum input voltage (10%
above the nominal) is DMIN = 0.33 at VIN maximum = 5.5 V.
The maximum duty cycle for the minimum input voltage (10%
less than nominal) is DMAX = 0.4 at VIN minimum = 4.5 V.
However, the actual duty cycle is larger than the calculated
values to compensate for the power losses in the converter.
Therefore, add 5% to 7% at the maximum load.
The switching frequency (fSW) of 600 kHz, which is chosen
based on the Channel 1 requirements, meets the duty cycle
ranges that have been previously calculated. Therefore, this
switching frequency is acceptable.
3.
Select the inductor by using Equation 5.
IN
OUT
SW
L
OUT
IN
V
V
f
I
V
V
L
×
×
−
=
Δ
)
(
In Equation 5, VIN = 5 V, VOUT = 1.8 V, ΔIL = 0.3 × IL =
0.6 A, and fSW = 600 kHz, which results in L = 2.9 μH.
Therefore, when L = 3.3 μH (the closest standard value) in
Equation 3, ΔIL = 0.582 A.
Although the maximum output current required is 2 A, the
maximum peak current is 3.3 A under the current limit
condition (see Table 7). Therefore, the inductor should be
rated for 3.3 A of peak current and 3 A of average current
for reliable circuit operation under all conditions.
4.
Select the output capacitor by using Equation 8 and
Equation 9.
)
-
(
8
ESR
ΔI
ΔV
f
ΔI
C
L
RIPPLE
SW
L
OUT_MIN
×
×
×
≅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
≅
DROOP
SW
OUT_STEP
OUT_MIN
ΔV
f
ΔI
C
3
Equation 8 is based on the output ripple (ΔVRIPPLE), and
Equation 9 is for capacitor selection based on the transient
load performance requirements that allow, in this case, 5%
maximum deviation. As mentioned earlier, perform these
calculations and choose whatever equation yields the larger
capacitor size.
In this case, the following values are substituted for the
variables in Equation 8 and Equation 9:
ΔIL = 0.582 A
fSW = 600 kHz
ΔVRIPPLE = 18 mV (1% of 1.8 V)
ESR = 3 mΩ (typical for ceramic capacitors)
ΔIOUT_STEP = 1 A
ΔVDROOP = 0.09 V (5% of 1.8 V)
The output ripple based calculation (see Equation 8) dictates
that COUT = 7.7 μF, whereas the transient load based
calculation (see Equation 9) dictates that COUT = 55 μF. To
meet both requirements, choose the latter. As previously
mentioned in the Control Loop Compensation section, the
capacitor value reduces with applied dc bias; therefore, select
a higher value. In this case, choose a 47 μF/6.3 V capacitor
and a 22 μF/6.3 V capacitor in parallel to meet the
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com