Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2114ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2114ACPZ-R7
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2114ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADP2114
Rev. 0 | Page 8 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
100
95
90
85
80
75
70
65
60
10
100
1k
10k
LOAD CURRENT (mA)
VOUT = 3.3V
VOUT = 3.3V; PULSE SKIP
VOUT = 1.8V
VOUT = 1.8V; PULSE SKIP
Figure 4. Channel 1 Efficiency vs. Load, VIN = 5 V and fsw = 300 kHz;
VOUT = 3.3 V, Inductor Cooper Bussmann DR1050-8R2-R, 8.2 μH, 15 mΩ;
VOUT = 1.8 V, Inductor TOKO FDV0620-4R7M, 4.7 μH, 53 mΩ
100
95
90
85
80
75
70
65
60
10
100
1k
10k
LOAD CURRENT (mA)
VOUT = 3.3V
VOUT = 3.3V; PULSE SKIP
VOUT = 1.8V
VOUT = 1.8V; PULSE SKIP
Figure 5. Channel 2 Efficiency vs. Load, VIN = 5 V and fSW = 600 kHz;
VOUT = 3.3 V, Inductor TOKO FDV0620-4R7M, 4.7 μH, 53 mΩ;
VOUT = 1.8 V, Inductor TOKO FDV0620-2R2M, 2.2 μH, 30 mΩ
100
95
90
85
80
75
70
65
60
10
100
1k
10k
LOAD CURRENT (mA)
VIN = 5V,
VOUT = 2.5V FORCED PWM
VIN = 5V,
VOUT = 2.5V PULSE SKIP
VIN = 3.3V,
VOUT = 1.2V FORCED PWM
VIN = 3.3V,
VOUT = 1.2V PULSE SKIP
Figure 6. Efficiency vs. Load at fSW = 1.2 MHz;
Inductor TOKO FDV0620-1R0M, 1.0 μH, 14 mΩ
90
85
80
75
70
65
60
100
1k
10k
LOAD CURRENT (mA)
VIN = 5V
VIN = 3.3V
Figure 7. Efficiency Combined Dual-Phase Output, VOUT = 0.8 V and
fSW = 1.2 MHz; Inductor TOKO FDV0620-1R0M, 1.0 μH, 14 mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com