Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2114ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2114ACPZ-R7
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2114ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
ADP2114
Rev. 0 | Page 14 of 40
LOAD TRANSIENT RESPONSE
CH1 5.0V
CH2 50mV
CH4 2.0A
M200µs 50MS/s
200ns/pt
A CH2
–33mV
1
2
4
VOUT
IOUT
SW
Figure 35. Channel 1: VIN = 5 V, VOUT = 3.3V, fSW = 600 kHz; Forced PWM
(See Table 12 for the Circuit Details)
CH3 5.0V
CH2 50mV
CH4 2.0A
M200µs 50MS/s
200ns/pt
A CH2
–23mV
3
2
4
VOUT
IOUT
SW
Figure 36. Channel 2: VIN = 5 V, VOUT = 1.8 V, fSW = 600 kHz; Forced PWM
(See Table 12 for the Circuit Details)
CH1 5.0V
CH2 10mV
CH4 2.0A
M200µs 12.5MS/s
80ns/pt
A CH4
960mA
1
2
4
VOUT
IOUT
SW
Figure 37. Channel 1: VIN = 5 V, VOUT = 1.2 V, fSW = 1.2 MHz; Forced PWM
(See Table 12 for the Circuit Details)
CH3 5.0V
CH2 50mV
CH4 1.0A
M200µs 50MS/s
20ns/pt
A CH2
–34mV
3
2
4
VOUT
IOUT
SW
Figure 38. Channel 2: VIN = 5 V, VOUT = 1.8 V, fSW = 600 kHz; Pulse Skip
(See Table 12 for the Circuit Details)
CH1 5.0V
CH2 10mV
CH4 2.0A
M200µs 12.5MS/s
80ns/pt
A CH4
960mA
1
2
4
VOUT
IOUT
SW
Figure 39. Channel 1: VIN = 3.3 V, VOUT = 1.2 V, fSW = 1.2 MHz; Forced PWM
(See Table 12 for the Circuit Details)
CH1 5.0V
CH2 10mV
CH4 2.0A
M200µs 12.5MS/s
80ns/pt
A CH4
960mA
1
2
4
VOUT
IOUT
SW
Figure 40. Channel 1: VIN = 3.3 V, VOUT = 1.2 V, fSW = 1.2 MHz; Pulse Skip
(See Table 12 for the Circuit Details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com