Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2114ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2114ACPZ-R7
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2114ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2114ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
ADP2114
Rev. 0 | Page 19 of 40
BODE PLOTS
50
40
30
20
10
0
–10
–20
–30
–40
–50
150
120
90
60
30
0
–30
–60
–90
–120
–150
1k
10k
M2
M1
100k
FREQUENCY (Hz)
MAGNITUDE
FREQUENCY
MAGNITUDE
PHASE
M1
54.86kHz
0.042dB
50.099°
M2
210.34kHz
–19.632dB
–0.412°
M2 – M1
155.48kHz
–19.673dB
–50.511°
PHASE
Figure 63. VIN = 5 V, VOUT = 3.3 V, Load = 2 A, fSW = 600 kHz, Crossover Frequency (fCO) = 55 kHz; Phase Margin 50° (See Table 12 for the Circuit Details)
50
40
30
20
10
0
–10
–20
–30
–40
–50
120
96
72
48
24
0
–24
–48
–72
–96
–120
1k
10k
M2
M1 100k
1M
FREQUENCY (Hz)
FREQUENCY
MAGNITUDE
PHASE
M1
96.71kHz
–0.075dB
53.305°
M2
335.27kHz
–17.371dB
–0.389°
M2 – M1
238.56kHz
–17.296dB
–53.694°
MAGNITUDE
PHASE
Figure 64. VIN = 5 V, VOUT = 1.2 V, Load = 2 A, fSW = 1.2 MHz, Crossover Frequency (fCO) = 97 kHz; Phase Margin 53° (See Table 12 for the Circuit Details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com