Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMB117
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMB117 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
6
PIN DESCRIPTION
Pin Number
Pin Type
Pin Name
Pin Description
14
IN
VM_CH1
The VM_CH1 (Channel 1 Voltage Monitor) pin connects the channel 1
step-down controller output. Internally the VM_CH1 pin connects to an
internal programmable resistor divider.
15
CAP
VDD_CAP
The VDD_CAP (VDD Capacitor) pin is an external capacitor input used
to filter the internal supply.
16
PWR
VBATT
Power supply to part.
17
OUT
LSDRV_CH2
The LSDRV_CH2 (Channel 2 Low-side Driver) pin is the lower
switching node of the channel 2 synchronous step-down buck
controller. Attaches to the gate of n-channel MOSFET.
18
PWR
HVSUP2
Channel 2 High Voltage Supply for Channel 2 buck driver.
19
OUT
HSDRV_CH2
The HSDRV_CH2 (Channel 2 High-side Driver) pin is the upper
switching node of the channel 2 synchronous step-down buck
controller. Attach to the gate of p-channel MOSFET. A delay exists
between the assertion of HSDRV_CH2 and assertion of LSDRV_CH2
to prevent excessive current flow during switching.
20
IN
COMP2_CH2
The COMP2_CH2 (Channel 2 secondary Compensation) pin is the
secondary compensation input of the channel 2 step-down buck
controller.
21
IN
COMP1_CH2
The COMP1_CH2 (Channel 2 primary Compensation) pin is the
primary compensation input of the channel 2 step-down buck
controller. Each pin is internally connected to a programmable resistor
divider.
22
IN
VM_CH2
The VM_CH2 (Channel 2 Voltage Monitor) pin connects the channel 6
step-down controller output. Internally the VM_CH2 pin connects to an
internal programmable resistor divider.
23
OUT
LSDRV_CH3
The LSDRV_CH3 (Channel 3 Low-side Driver) pin is the lower
switching node of the channel 3 synchronous step-down buck
controller. Attaches to the gate of n-channel MOSFET.
24
PWR
HVSUP3
Channel 3 High Voltage Supply for Channel 3 buck driver.
25
OUT
HSDRV_CH3
The HSDRV_CH3 (Channel 3 High-side Driver) pin is the upper
switching node of the channel 3 synchronous step-down buck
controller. Attach to the gate of p-channel MOSFET. A delay exists
between the assertion of HSDRV_CH3 and assertion of LSDRV_CH3
to prevent excessive current flow during switching.
26
IN
PWREN
The PWREN (Power Enable) pin is a programmable input used to
enable (disable) selected supplies. This pin can also be programmed
to latch and act as a debounced, manual push button input. Active high
when level triggered, active low when used as a push- button input.
When unused this pin should be tied to a solid logic level.
27
IN
COMP2_CH3
The COMP2_CH3 (Channel 3 secondary Compensation) pin is the
secondary compensation input of the channel 3 step-down buck
controller.
28
IN
COMP1_CH3
The COMP1_CH3 (Channel 3 primary Compensation) pin is the
primary compensation input of the channel 3 step-down buck
controller. Each pin is internally connected to a programmable resistor
divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com