Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMB117
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMB117 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
11
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Programmable Monitoring Thresholds
VPUV1
Programmable UV1 threshold
Programmable UV1 threshold
voltage measured on VBATT pin
in 150 mV increments
2.55
3.60
V
VPUV2
Programmable UV2 threshold
Programmable UV2 threshold
voltage measured on VBATT pin
in 150 mV increments
2.55
3.60
V
∆VPUV2
UV2 accuracy
±2
%
∆VPUV1
UV1 accuracy
±2
%
-3
-5
-7
-8
-10
-12
-12
-15
-18
PUVTH
Programmable under-voltage
threshold
Output voltage relative to
nominal operating voltage.
Note 3.
-16
-20
-24
%
+3
+5
+7
+8
+10
+12
+12
+15
+18
POVTH
Programmable over-voltage
threshold
Output voltage relative to
nominal operating voltage.
Note 3.
+16
+20
+24
%
Note 1: Voltage accuracies are only guaranteed for factory-programmed settings. Changing the output voltage from that reflected in the customer
specific CSIR code might result in inaccuracies exceeding those specified above by 1%.
Note 2: For more accurate active current levels under several load conditions, Summit’s proprietary design software can be used. Contact the
factory for more information.
Note 3: Guaranteed by Design and Characterization – not 100% tested in Production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com