Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117 Datasheet(PDF) 23 Page - Summit Microelectronics, Inc.

Part # SMB117
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117 Datasheet(HTML) 23 Page - Summit Microelectronics, Inc.

Back Button SMB117 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 27Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
23
APPLICATIONS INFORMATION (CONTINUED)
Figure 10 – Applications schematic showing SMB117 operation from a +5V input supply with 10A output
current capability.
R30
47K
R11 0
R39 100
C20
22uF
R28 10K
C22
0.1uF
R13 0
C46
22uF
C47
0.1uF
R29 499
C48
330pF
C49
22pF
C50
3300pF
CH3
1
C11
0.1uF
HOST_RESET
1
TP15
VBATT
1
R37 100
C13
0.1uF
R24 10K
Q6
FDS6675BZ
1
2
3
4
5
6
7
8
L2
2.0uH
C40
22uF
C41
0.1uF
Q7
FDS6680AS
1
2
3
4
5
6
7
8
R25 499
C42
330pF
D10
C43
22pF
C44
3300pF
CH1
1
PWREN0
1
C27
22uF
C29
0.1uF
R17 0
U1
SMB117
HSDRV_CH0
1
HEALTHY
2
COMP1_CH0
3
COMP2_CH0
4
VM_CH0
5
SDA
6
SCL
7
LSDRV_CH1
8
HVSUP1
9
HSDRV_CH1
10
HOST_RESET
11
COMP1_CH1
12
COMP2_CH1
13
VM_CH1
14
VDDCAP
15
VBATT
16
LSDRV_CH2
17
HVSUP2
18
HSDRV_CH2
19
COMP2_CH2
20
COMP1_CH2
21
VM_CH2
22
LSDRV_CH3
23
HVSUP3
24
HSDRV_CH3
25
PWREN0
26
COMP2_CH3
27
COMP1_CH3
28
VM_CH3
29
LSDRV_CH0
31
HVSUP0
32
C19
0.1uF
R14 100
L3
2.0uH
C21
0.1uF
C31
22uF
C32
0.1uF
R20 0
L1
2.0uH
CH2
1
VBATT
Optional For Programming SMB113A
SCL
SDA
VBATT
L4
2.0uH
R1 10K
C5
22uF
C7
0.1uF
R2 499
C8
330pF
C9
22pF
C10
3300pF
R3 100
VBATT
CH0
1
R9
2K
HEALTHY/nRESET
1
R18 0
Q10
FDS6675BZ
1
2
3
4
5
6
7
8
Q11
FDS6680AS
1
2
3
4
5
6
7
8
D9
VBATT
VBATT
DongleVCC
J1
I2C
Gnd
1
SCL
2
Gnd3
3
SDA
4
Rsrv5
5
MR
6
+10V
7
Rsrv8
8
+5V
9
Rsrv10
10
SDA
SCL
DongleVCC
R7
47K
D2
VBATT
Q12
FDS6675BZ
1
2
3
4
5
6
7
8
Q13
FDS6680AS
1
2
3
4
5
6
7
8
SW1
VBATT
Q8
FDS6675BZ
1
2
3
4
5
6
7
8
Q9
FDS6680AS
1
2
3
4
5
6
7
8
D11
D8
VBATT
R15 0
R21 0
C14
0.1uF
C15
1uF
C1
0.1uF
C2
1uF
C16
22uF
C17
0.1uF
R5 0
R22 10K
C34
22uF
C35
0.1uF
R23 499
C36
330pF
C37
22pF
C38
3300pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com