Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117 Datasheet(PDF) 12 Page - Summit Microelectronics, Inc.

Part # SMB117
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117 Datasheet(HTML) 12 Page - Summit Microelectronics, Inc.

Back Button SMB117 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 16Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
12
AC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.) Note 4
Symbol
Description
Conditions
Min
Typ
Max
Unit
1.5
12.5
25
tPPTO
Programmable power-On
sequence timeout period.
Programmable
power-on
sequence
position to sequence position delay.
50
ms
1.5
12.5
25
tDPOFF
Programmable power-off
sequence timeout period.
Programmable power-off sequence
position to sequence position delay.
50
ms
OFF
50
100
tPST
Programmable sequence
termination period
Time between active enable in which
corresponding outputs must exceed there
programmed under voltage threshold. If
exceeded, a force shutdown will be
initiated.
200
ms
0
tPGF
Programmable glitch filter
Period for which fault must persist before
fault triggered actions are taken.
8
µs
25
50
100
tRESET
Reset timeout period
Applicable when HEALTHY pin is used as
an nRESET output pin. Programmable
time following assertion of last supply
before nRESET pin is released high.
200
ms
400
200
100
67
50
33
25
SRREF
Programmable slew rate
reference
Adjustable slew rate factor proportional to
output slew rate.
20
V/s
Channels 0 to 3
tRL
LS Driver output rise time
CG=100pF, VBATT=4.2V
4.2
ns
tFL
LS Driver output fall time
CG=100pF, VBATT=4.2V
4.2
ns
tRL
HS Driver output rise time
CG=100pF, VBATT=4.2V
2.9
ns
tFL
HS Driver output fall time
CG=100pF, VBATT=4.2V
2.9
ns
High to low transition on HSDRV
30
tDT
Driver non-overlap delay
Low to high transition on buck HSDRV
60
ns
Note 4: Timing specifications are 20% shorter for the SMB113B device and 60% longer for SMB117A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com