Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMB117
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMB117 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
10
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Error Amplifier
AVOL
Open loop voltage Gain
At DC
60
dB
BW
Frequency bandwidth
At AVOL = 0 dB
30
MHz
ISOURCE
Output source current
At 0.5V
20
µA
ISINK
Output sink current
At 0.5V
800
µA
Output Block
VBATT= 4.2V, ILOAD=0
VOUT = VBATT x (duty cycle)
0.5
4.2
VOUT
Voltage set point range.
100% Maximum Duty cycle
VBATT= 6.0V, ILOAD=0
VOUT = VBATT x (duty cycle)
0.5
6.0
V
Commercial temperature range
-1.5
+1.5
∆VOUT
Output accuracy, excluding
external resistor divider
1
Industrial temperature range
-2.0
+2.0
%
Output high
2
RDRVH
HSDRV ON resistance
Output low
2
Output high
2
RDRVL
LSDRV ON resistance
Output low
2
Ω
VCOMP1
Feedback voltage reference
COMP1 pin
Programmable in 4mV steps
1.0
V
High Duty Cycle
100
100% Max Duty Cycle
Low Duty Cycle, Note 3
35
High Duty Cycle, Note 3
70
D.C.
90% Max Duty Cycle
Low Duty Cycle
0
%
Logic Levels
VIH
Input high voltage
0.7 x
VDD_CAP
6.0
V
VIL
Input low
0
0.3 x
VDD_CAP
V
VOL
Open drain outputs
ISINK = 1mA
0
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com