Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117 Datasheet(PDF) 21 Page - Summit Microelectronics, Inc.

Part # SMB117
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117 Datasheet(HTML) 21 Page - Summit Microelectronics, Inc.

Back Button SMB117 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 25Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
21
APPLICATIONS INFORMATION (CONTINUED)
Figure 9 – Applications schematic showing SMB113A operation from a +12V input supply.
R30
47K
D8
Q1
NPN
C18
0.1uF
D9
R12
1K
R39 100
D3 Schottky
C20
22uF
C22
0.1uF
R28 4.99K
R13 0
C46
22uF
C47
0.1uF
R29 499
C48
330pF
C49
22pF
C50
3300pF
CH3
1
R10
1K
D10
C11
0.1uF
HOST_RESET
1
VBATT
1
R37 100
C13
0.1uF
C25
0.1uF
R24 4.99K
C40
22uF
L2
3.3uH
Q2(P)
Q1(N)
Q4
FDC6420C
C41
0.1uF
R25 499
C42
330pF
C43
22pF
C44
3300pF
D11
CH1
1
C24
0.1uF
PWREN0
1
R16 1K
D5 Schottky
C27
22uF
C29
0.1uF
U1
SMB113A
HSDRV_CH0
1
HEALTHY
2
COMP1_CH0
3
COMP2_CH0
4
VM_CH0
5
SDA
6
SCL
7
LSDRV_CH1
8
HVSUP1
9
HSDRV_CH1
10
HOST_RESET
11
COMP1_CH1
12
COMP2_CH1
13
VM_CH1
14
VDDCAP
15
VBATT
16
LSDRV_CH2
17
HVSUP2
18
HSDRV_CH2
19
COMP2_CH2
20
COMP1_CH2
21
VM_CH2
22
LSDRV_CH3
23
HVSUP3
24
HSDRV_CH3
25
PWREN0
26
COMP2_CH3
27
COMP1_CH3
28
VM_CH3
29
LSDRV_CH0
31
HVSUP0
32
R17 0
+12V
C19
0.1uF
R14 100
L3
3.3uH
Q2(P)
Q1(N)
Q3
FDC6420C
C21
0.1uF
C30
0.1uF
R19 1K
D6 Schottky
C31
22uF
C32
0.1uF
R20 0
L1
3.3uH
CH2
1
Q2(P)
Q1(N)
Q5
FDC6420C
VBATT
SCL
SDA
VBATT
L4
3.3uH
Q2(P)
Q1(N)
Q2
FDC6420C
R1 4.99K
C5
22uF
C7
0.1uF
R2 499
C8
330pF
C9
22pF
C10
3300pF
R3 100
VIN
CH0
1
VIN
R9
49.9K
HEALTHY/nRESET
1
NP
VBATT
VIN
VBATT
DongleVCC
J1
I2C
Gnd
1
SCL
2
Gnd3
3
SDA
4
Rsrv5
5
MR
6
+10V
7
Rsrv8
8
+5V
9
Rsrv10
10
SDA
SCL
DongleVCC
R7
47K
D2
VIN
SW1
Optional For Programming SMB113A
VIN
C14
0.1uF
C15
1uF
C1
0.1uF
C2
1uF
C12
0.1uF
R4 1K
D1 Schottky
C16
22uF
C17
0.1uF
R5 0
D7
5.6V
R22 4.99K
C34
22uF
C35
0.1uF
R23 499
C36
330pF
C37
22pF
C38
3300pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com