Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117 Datasheet(PDF) 20 Page - Summit Microelectronics, Inc.

Part # SMB117
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117 Datasheet(HTML) 20 Page - Summit Microelectronics, Inc.

Back Button SMB117 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 24Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
20
APPLICATIONS INFORMATION (CONTINUED)
Item
Description
Vendor / Part Number
Qty Ref. Des.
Resistors
1
300
Ω, 1/16W, 1%, 0603, SMD
Vishay CRCW06033000F
4
R1, R4, R6, R8
2
6.04K
Ω, 1/16W, 1%, 0603, SMD
Vishay CRCW06036041F
1
R2
3
4.99K
Ω, 1/16W, 1%, 0603, SMD
Vishay CRCW06034991F
2
R3, R5
4
6.98K
Ω, 1/16W, 1%, 0603, SMD
Vishay CRCW06036981F
1
R7
5
47
Ω, 1/16W, 1%, 0603, SMD
Vishay CRCW06034702F
5
R9, R18, R19, R20, R21
6
3
Ω, 1/16W, 1%, 0603, SMD
Vishay CRCW06033R01F
8
R10, R11, R12, R13,
R14, R15, R16, R17
7
10K
Ω, 1/16W, 1%, 0603, SMD
Vishay CRCW06031002F
1
R20
8
300
Ω, 1/16W, 1%, 0603, SMD
Vishay CRCW06031000F
4
R22, R23, R24, R27
Capacitors
9
0.1uF, 16V, ceramic, X7R, 0603, SMD
Kemet C0603C104K4RACTU
15
C1, C3, C6, C8, C16,
C21, C26, C28, C31,
C33, C34, C36, C38,
C40, C42
10
1uF, 10V, ceramic, Y5V, 0603, SMD
Panasonic ECJ-1VF1A105Z
2
C2, C35
11
10uF, 6.3V, ceramic, X5R, 0805, SMD
Kemet C0805C106K9PACTU
9
C4, C25, C27, C29, C37
12
10uF, 25V, ceramic, X7R, 1210, SMD
TDK C3225X7R1E106M
4
C5, C7, C15, C20,
13
330pF, 50V, ceramic, C0G, 0603, SMD
Murata
GRM1885C2A331JA01D
1
C9
14
120pF, 50V, ceramic, C0G, 0603, SMD
Vishay VJ0603A121KXAA
2
C10, C18
680pF, 100V, ceramic, X7R, 0603, SMD
Murata
GRM188R72A681KA01D
2
C11, C22
15
47pF, 50V, ceramic, NP0, 0603, SMD
Panasonic ECJ-1VC1H470J
1
C13
16
470pF, 50V, ceramic, X7R, 0603, SMD
Kemet C0603C471K5RACTU
2
C17, C12
17
820pF, 50V, ceramic, C0G, 0603, SMD
Murata
GRM1885C2A331JA01D
2
C14, C19
18
220pF, 50V, ceramic, C0G, 0603, SMD
Murata
GRM188R72A221KA01D
1
C23
19
1000pF, 50V, ceramic, C0G, 0603, SMD
Vishay VJ0603A102KXAA
1
C24
Semiconductors
20
MOSFET, Complementary
Fairchild, FDC6420C
4
Q1-Q4
21
SMB113ANC
Summit Microelectronics
1
U1
Magnetics
22
Inductor, 6.8uH, 2.75A, SMD, Shielded
Sumida CDR7D28MNNP-
6R8NC
4
L1-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com