Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP632-E/MF Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP632-E/MF
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632-E/MF Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP632-E/MF Datasheet HTML 18Page - Microchip Technology MCP632-E/MF Datasheet HTML 19Page - Microchip Technology MCP632-E/MF Datasheet HTML 20Page - Microchip Technology MCP632-E/MF Datasheet HTML 21Page - Microchip Technology MCP632-E/MF Datasheet HTML 22Page - Microchip Technology MCP632-E/MF Datasheet HTML 23Page - Microchip Technology MCP632-E/MF Datasheet HTML 24Page - Microchip Technology MCP632-E/MF Datasheet HTML 25Page - Microchip Technology MCP632-E/MF Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
MCP631/2/3/5
DS22197A-page 22
© 2009 Microchip Technology Inc.
4.2
Rail-to-Rail Output
4.2.1
MAXIMUM OUTPUT VOLTAGE
The Maximum Output Voltage (see Figure 2-16 and
Figure 2-17) describes the output range for a given
load. For instance, the output voltage swings to within
50 mV of the negative rail with a 1 k
Ω load tied to
VDD/2.
4.2.2
OUTPUT CURRENT
Figure 4-4 shows the possible combinations of output
voltage (VOUT) and output current (IOUT), when
VDD =5.5V. IOUT is positive when it flows out of the op
amp into the external circuit.
FIGURE 4-4:
Output Current.
4.2.3
POWER DISSIPATION
Since the output short circuit current (ISC) is specified
at ±70 mA (typical), these op amps are capable of both
delivering and dissipating significant power.
Figure 4-5 show the quantities used in the following
power calculations for a single op amp. RSER is 0 Ω in
most applications; it can be used to limit IOUT. VOUT is
the op amp’s output voltage, VL is the voltage at the
load, and VLG is the load’s ground point. VSS is usually
ground (0V). The input currents are assumed to be
negligible. The currents shown are approximately:
EQUATION 4-1:
FIGURE 4-5:
Diagram for Power
Calculations.
The instantaneous op amp power (POA(t)), RSER power
(PRSER(t)) and load power (PL(t)) are:
EQUATION 4-2:
The maximum op amp power, for resistive loads,
occurs when VOUT is halfway between VDD and VLG or
halfway between VSS and VLG:
EQUATION 4-3:
The maximum ambient to junction temperature rise
(
ΔTJA) and junction temperature (TJ) can be calculated
using POAmax, ambient temperature (TA), the package
thermal resistance (
θJA) found in Table 1-4, and the
number of op amps in the package (assuming equal
power dissipations):
EQUATION 4-4:
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IOUT (mA)
RL = 10Ω
RL = 100Ω
RL = 1 kΩ
VOH Limited
VOL Limited
(VDD = 5.5V)
VOUT –VLG
IOUT =IL =
RSER +RL
IDD ≈ IQ +max(0,IOUT)
ISS ≈ –IQ +min(0,IOUT)
Where:
IQ = quiescent supply current
VDD
VL
RL
VLG
IDD
ISS
IL
IOUT
RSER
VOUT
VSS
MCP63X
POA(t) = IDD (VDD –VOUT)+ISS (VSS –VOUT)
PRSER(t) = IOUT
2R
SER
PL(t) = IL
2R
L
POAmax ≤
max2(VDD –VLG ,VLG –VSS)
4(RSER +RL)
ΔT
JA =POA(t) θJA ≤ nPOAmaxθJA
TJ =TA + ΔTJA
Where:
n = number of op amps in package (1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com