Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP632-E/MF Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP632-E/MF
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632-E/MF Datasheet(HTML) 3 Page - Microchip Technology

  MCP632-E/MF Datasheet HTML 1Page - Microchip Technology MCP632-E/MF Datasheet HTML 2Page - Microchip Technology MCP632-E/MF Datasheet HTML 3Page - Microchip Technology MCP632-E/MF Datasheet HTML 4Page - Microchip Technology MCP632-E/MF Datasheet HTML 5Page - Microchip Technology MCP632-E/MF Datasheet HTML 6Page - Microchip Technology MCP632-E/MF Datasheet HTML 7Page - Microchip Technology MCP632-E/MF Datasheet HTML 8Page - Microchip Technology MCP632-E/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22197A-page 3
MCP631/2/3/5
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS .......................................................................6.5V
Current at Input Pins ....................................................±2 mA
Analog Inputs (VIN+ and VIN–) †† . VSS – 1.0V to VDD +1.0V
All other Inputs and Outputs .......... VSS – 0.3V to VDD +0.3V
Output Short Circuit Current ................................ Continuous
Current at Output and Supply Pins ..........................±150 mA
Storage Temperature ...................................-65°C to +150°C
Max. Junction Temperature ........................................ +150°C
ESD protection on all pins (HBM, MM)
................≥ 1 kV, 200V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.1.2 “Input Voltage and Current Limits”.
1.2
Specifications
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM = VDD/3,
VOUT ≈ VDD/2, VL = VDD/2, RL = 2 kΩ to VL and CS =VSS (refer to Figure 1-2).
Parameters
Sym
Min
Typ
Max
Units Conditions
Input Offset
Input Offset Voltage
VOS
-8
±1.8
+8
mV
Input Offset Voltage Drift
ΔVOS/ΔTA
—±2.0
—
µV/°C TA= -40°C to +125°C
Power Supply Rejection Ratio
PSRR
61
76
—
dB
Input Current and Impedance
Input Bias Current
IB
—4
—
pA
Across Temperature
IB
—
100
—
pA
TA= +85°C
Across Temperature
IB
—
1500
5,000
pA
TA= +125°C
Input Offset Current
IOS
—±2
—
pA
Common Mode Input Impedance
ZCM
—1013||9
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||2
—
Ω||pF
Common Mode
Common-Mode Input Voltage Range
VCMR
VSS − 0.3
—
VDD − 1.3
V
(Note 1)
Common-Mode Rejection Ratio
CMRR
63
78
—
dB
VDD = 2.5V, VCM = -0.3 to 1.2V
CMRR
66
81
—
dB
VDD = 5.5V, VCM = -0.3 to 4.2V
Open Loop Gain
DC Open Loop Gain (large signal)
AOL
88
115
—
dB
VDD = 2.5V, VOUT = 0.3V to 2.2V
AOL
94
124
—
dB
VDD = 5.5V, VOUT = 0.3V to 5.2V
Output
Maximum Output Voltage Swing
VOL, VOH
VSS +20
—
VDD − 20
mV
VDD = 2.5V, G = +2,
0.5V Input Overdrive
VOL, VOH
VSS +40
—
VDD − 40
mV
VDD = 5.5V, G = +2,
0.5V Input Overdrive
Output Short Circuit Current
ISC
±40
±85
±130
mA
VDD = 2.5V (Note 2)
ISC
±35
±70
±110
mA
VDD = 5.5V (Note 2)
Power Supply
Supply Voltage
VDD
2.5
—
5.5
V
Quiescent Current per Amplifier
IQ
1.2
2.5
3.6
mA
No Load Current
Note 1:
See Figure 2-5 for temperature effects.
2:
The ISC specifications are for design guidance only; they are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com