Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP632-E/MF Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP632-E/MF
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632-E/MF Datasheet(HTML) 5 Page - Microchip Technology

  MCP632-E/MF Datasheet HTML 1Page - Microchip Technology MCP632-E/MF Datasheet HTML 2Page - Microchip Technology MCP632-E/MF Datasheet HTML 3Page - Microchip Technology MCP632-E/MF Datasheet HTML 4Page - Microchip Technology MCP632-E/MF Datasheet HTML 5Page - Microchip Technology MCP632-E/MF Datasheet HTML 6Page - Microchip Technology MCP632-E/MF Datasheet HTML 7Page - Microchip Technology MCP632-E/MF Datasheet HTML 8Page - Microchip Technology MCP632-E/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22197A-page 5
MCP631/2/3/5
1.3
Timing Diagram
FIGURE 1-1:
Timing Diagram.
1.4
Test Circuits
The circuit used for most DC and AC tests is shown in
Figure 1-2. It independently sets VCM and VOUT; see
Equation 1-1. The circuit’s common mode voltage is
(VP +VM)/2, not VCM. VOST includes VOS plus the
effects of temperature, CMRR, PSRR and AOL.
EQUATION 1-1:
FIGURE 1-2:
AC and DC Test Circuit for
Most Specifications.
TABLE 1-4:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = +2.5V to +5.5V, VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-3x3 DFN
θJA
—60
—
°C/W
(Note 2)
Thermal Resistance, 8L-SOIC
θJA
—
149.5
—
°C/W
Thermal Resistance, 10L-3x3 DFN
θJA
—57
—
°C/W
(Note 2)
Thermal Resistance, 10L-MSOP
θJA
—
202
—
°C/W
Note 1:
Operation must not cause TJ to exceed Maximum Junction Temperature specification (+150°C).
2:
Measured on a standard JC51-7, four layer printed circuit board with ground plane and vias.
VOUT
ISS
ICS
-1 µA
High-Z
0.7 µA
On
-2.5 mA
-1 µA
tON
tOFF
High-Z
0.1 nA
0.7 µA
CS
VIL
VIH
(typical)
(typical)
(typical)
(typical)
(typical)
(typical)
G
DM
R
F RG
⁄
=
V
CM
V
P 11 GN
⁄
–
() V
REF 1 GN
⁄
()
+
=
V
OUT
V
REF
V
P
V
M
–
()G
DM
V
OSTGN
++
=
Where:
GDM = Differential Mode Gain
(V/V)
GN = Noise Gain
(V/V)
VCM = Op Amp’s Common Mode
Input Voltage
(V)
VOST = Op Amp’s Total Input Offset
Voltage
(mV)
V
OST
V
IN–
V
IN+
–
=
G
N
1
G
DM
+
=
VDD
RG
RF
VOUT
VM
CB2
CL
RL
VL
CB1
10 k
Ω
10 k
Ω
RG
RF
VREF =VDD/2
VP
10 k
Ω
10 k
Ω
50 pF
2k
Ω
2.2 µF
100 nF
VIN–
VIN+
CF
CF
6.8 pF
MCP63X
6.8 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com