Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP632-E/MF Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP632-E/MF
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632-E/MF Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP632-E/MF Datasheet HTML 21Page - Microchip Technology MCP632-E/MF Datasheet HTML 22Page - Microchip Technology MCP632-E/MF Datasheet HTML 23Page - Microchip Technology MCP632-E/MF Datasheet HTML 24Page - Microchip Technology MCP632-E/MF Datasheet HTML 25Page - Microchip Technology MCP632-E/MF Datasheet HTML 26Page - Microchip Technology MCP632-E/MF Datasheet HTML 27Page - Microchip Technology MCP632-E/MF Datasheet HTML 28Page - Microchip Technology MCP632-E/MF Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22197A-page 25
MCP631/2/3/5
Sometimes, it helps to place guard traces next to victim
traces. They should be on both sides of the victim
trace, and as close as possible. Connect guard traces
to ground plane at both ends, and in the middle for long
traces.
Use coax cables, or low inductance wiring, to route
signal and power to and from the PCB. Mutual and self
inductance of power wires is often a cause of crosstalk
and unusual behavior.
4.7
Typical Applications
4.7.1
POWER DRIVER WITH HIGH GAIN
Figure 4-10 shows a power driver with high gain
(1 + R2/R1). The MCP631/2/3/5 op amp’s short circuit
current makes it possible to drive significant loads. The
calibrated input offset voltage supports accurate
response at high gains. R3 should be small, and equal
to R1||R2, in order to minimize the bias current induced
offset.
FIGURE 4-10:
Power Driver.
4.7.2
OPTICAL DETECTOR AMPLIFIER
Figure 4-11 shows a transimpedance amplifier, using
the MCP63X op amp, in a photo detector circuit. The
photo detector is a capacitive current source.
RF provides enough gain to produce 10 mV at VOUT.
CF stabilizes the gain and limits the transimpedance
bandwidth
to
about
1.1 MHz.
RF’s parasitic
capacitance (e.g., 0.2 pF for a 0805 SMD) acts in
parallel with CF.
FIGURE 4-11:
Transimpedance Amplifier
for an Optical Detector.
4.7.3
H-BRIDGE DRIVER
Figure 4-12 shows the MCP632 dual op amp used as
a H-bridge driver. The load could be a speaker or a DC
motor.
FIGURE 4-12:
H-Bridge Driver.
This circuit automatically makes the noise gains (GN)
equal, when the gains are set properly, so that the
frequency responses match well (in magnitude and in
phase). Equation 4-7 shows how to calculate RGT and
RGB so that both op amps have the same DC gains;
GDM needs to be selected first.
EQUATION 4-7:
Equation 4-8 gives the resulting common mode and
differential mode output voltages.
EQUATION 4-8:
R1
R2
VIN
VDD/2
VOUT
R3
RL
MCP63X
Photo
Detector
CD
CF
RF
VDD/2
30pF
100 k
Ω
1.5 pF
ID
100 nA
VOUT
MCP63X
RF
RF
VIN
VOT
RF
RGB
VOB
VDD/2
RGT
RL
½ MCP632
½ MCP632
G
DM
V
OT
V
OB
–
V
IN
V
DD 2
⁄
–
--------------------------------
1 V/V
≥
≡
R
GT
R
F
G
DM 2
⁄
() 1
–
---------------------------------
=
R
GB
R
F
G
DM 2
⁄
-------------------
=
V
OT
V
+
OB
2
---------------------------
V
DD
2
-----------
=
V
OT
V
–
OB
G
DM VIN
V
DD
2
-----------
–
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com