Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP632-E/MF Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP632-E/MF
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632-E/MF Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP632-E/MF Datasheet HTML 20Page - Microchip Technology MCP632-E/MF Datasheet HTML 21Page - Microchip Technology MCP632-E/MF Datasheet HTML 22Page - Microchip Technology MCP632-E/MF Datasheet HTML 23Page - Microchip Technology MCP632-E/MF Datasheet HTML 24Page - Microchip Technology MCP632-E/MF Datasheet HTML 25Page - Microchip Technology MCP632-E/MF Datasheet HTML 26Page - Microchip Technology MCP632-E/MF Datasheet HTML 27Page - Microchip Technology MCP632-E/MF Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
MCP631/2/3/5
DS22197A-page 24
© 2009 Microchip Technology Inc.
CN and RN form a low-pass filter that affects the signal
at VP. This filter has a single real pole at 1/(2πRNCN).
The largest value of RF that should be used depends
on noise gain (see GN in Section 4.3.1 “Capacitive
Loads”), CG and the open-loop gain’s phase shift.
Figure 4-9 shows the maximum recommended RF for
several CG values. Some applications may modify
these values to reduce either output loading or gain
peaking (step response overshoot).
FIGURE 4-9:
Maximum Recommended
RF vs. Gain.
Figure 2-34 and Figure 2-35 show the small signal and
large signal step responses at G = +1 V/V. The unity
gain buffer usually has RF =0Ω and RG open.
Figure 2-36 and Figure 2-37 show the small signal and
large signal step responses at G = -1 V/V. Since the
noise gain is 2 V/V and CG ≈ 10 pF, the resistors were
chosen to be RF =RG =1kΩ and RN = 500Ω.
It is also possible to add a capacitor (CF) in parallel with
RF to compensate for the de-stabilizing effect of CG.
This makes it possible to use larger values of RF. The
conditions for stability are summarized in Equation 4-6.
EQUATION 4-6:
4.4
MCP633 and MCP635 Chip Select
The MCP633 is a single amplifier with Chip Select
(CS). When CS is pulled high, the supply current drops
to 1 µA (typical) and flows through the CS pin to VSS.
When this happens, the amplifier output is put into a
high-impedance state. By pulling CS low, the amplifier
is enabled. The CS pin has an internal 5 M
Ω (typical)
pulldown resistor connected to VSS, so it will go low if
the CS pin is left floating. Figure 1-1, Figure 2-42 and
Figure 2-43 show the output voltage and supply current
response to a CS pulse.
The MCP635 is a dual amplifier with two CS pins; CSA
controls op amp A and CSB controls op amp B. These
op amps are controlled independently, with an enabled
quiescent current (IQ) of 2.5 mA/amplifier (typical) and
a disabled IQ of 1 µA/amplifier (typical). The IQ seen at
the supply pins is the sum of the two op amps’ IQ; the
typical value for the MCP635’s IQ will be 2 µA, 2.5 mA
or 5 mA when there are 0, 1 or 2 amplifiers enabled,
respectively.
4.5
Power Supply
With this family of operational amplifiers, the power
supply pin (VDD for single supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good high frequency performance. Surface mount,
multilayer ceramic capacitors, or their equivalent,
should be used.
These op amps require a bulk capacitor (i.e., 2.2 µF or
larger) within 50 mm to provide large, slow currents.
Tantalum capacitors, or their equivalent, may be a good
choice. This bulk capacitor can be shared with other
nearby analog parts as long as crosstalk through the
supplies does not prove to be a problem.
4.6
High Speed PCB Layout
These op amps are fast enough that a little extra care
in the PCB (Printed Circuit Board) layout can make a
significant difference in performance. Good PC board
layout
techniques
will
help
you
achieve
the
performance shown in the specifications and Typical
Performance Curves; it will also help you minimize
EMC (Electro-Magnetic Compatibility) issues.
Use a solid ground plane. Connect the bypass local
capacitor(s) to this plane with minimal length traces.
This cuts down inductive and capacitive crosstalk.
Separate digital from analog, low speed from high
speed, and low power from high power. This will reduce
interference.
Keep sensitive traces short and straight. Separate
them from interfering components and traces. This is
especially important for high frequency (low rise time)
signals.
1.E+02
1.E+03
1.E+04
1.E+05
110
100
Noise Gain; GN (V/V)
GN > +1 V/V
100
10k
100k
1k
CG = 10 pF
CG = 32 pF
CG = 100 pF
CG = 320 pF
CG = 1 nF
f
F
f
GBWP
2G
N2
()
⁄
, G
N1
G
N2
<
≤
We need:
G
N1
1R
F RG
⁄
+
=
G
N2
1C
G CF
⁄
+
=
f
F
12
πR
FCF
()
⁄
=
f
Z
f
F GN1 GN2
⁄
()
=
Given:
f
F
f
GBWP
4G
N1
()
⁄
, G
N1
G
N2
>
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com