Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP632-E/MF Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP632-E/MF
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632-E/MF Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP632-E/MF Datasheet HTML 9Page - Microchip Technology MCP632-E/MF Datasheet HTML 10Page - Microchip Technology MCP632-E/MF Datasheet HTML 11Page - Microchip Technology MCP632-E/MF Datasheet HTML 12Page - Microchip Technology MCP632-E/MF Datasheet HTML 13Page - Microchip Technology MCP632-E/MF Datasheet HTML 14Page - Microchip Technology MCP632-E/MF Datasheet HTML 15Page - Microchip Technology MCP632-E/MF Datasheet HTML 16Page - Microchip Technology MCP632-E/MF Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22197A-page 13
MCP631/2/3/5
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =2kΩ to VL, CL = 50 pF and CS =VSS.
2.4
Noise and Distortion
FIGURE 2-29:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-30:
Input Noise Voltage Density
vs. Input Common Mode Voltage with f = 100 Hz.
FIGURE 2-31:
Input Noise Voltage Density
vs. Input Common Mode Voltage with f = 1 MHz.
FIGURE 2-32:
Input Noise vs. Time with
0.1 Hz Filter.
FIGURE 2-33:
THD+N vs. Frequency.
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
1.E-1
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
1.E+6
1.E+7
Frequency (Hz)
0.1
100
10k
1M
1
1k
100k
10M
10
1n
100n
1µ
10µ
10n
0
20
40
60
80
100
120
140
160
180
200
Common Mode Input Voltage (V)
VDD = 5.5V
VDD = 2.5V
f = 100 Hz
0
2
4
6
8
10
12
14
16
18
20
Common Mode Input Voltage (V)
VDD = 5.5V
VDD = 2.5V
f = 1 MHz
-20
-15
-10
-5
0
5
10
15
20
0
5 10 15 20 25 30 35 40 45 50 55 60 65
Time (min)
Representative Part
Analog NPBW = 0.1 Hz
Sample Rate = 2 SPS
VOS = -3150 µV
0.0001
0.001
0.01
0.1
1
1.E+2
1.E+3
1.E+4
1.E+5
Frequency (Hz)
VDD = 5.0V
VOUT = 2 VP-P
100
1k
10k
100k
BW = 22 Hz to 80 kHz
BW = 22 Hz to > 500 kHz
G = 1 V/V
G = 11 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com