Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP632-E/MF Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP632-E/MF
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632-E/MF Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP632-E/MF Datasheet HTML 8Page - Microchip Technology MCP632-E/MF Datasheet HTML 9Page - Microchip Technology MCP632-E/MF Datasheet HTML 10Page - Microchip Technology MCP632-E/MF Datasheet HTML 11Page - Microchip Technology MCP632-E/MF Datasheet HTML 12Page - Microchip Technology MCP632-E/MF Datasheet HTML 13Page - Microchip Technology MCP632-E/MF Datasheet HTML 14Page - Microchip Technology MCP632-E/MF Datasheet HTML 15Page - Microchip Technology MCP632-E/MF Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
MCP631/2/3/5
DS22197A-page 12
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =2kΩ to VL, CL = 50 pF and CS =VSS.
FIGURE 2-27:
Gain Peaking vs.
Normalized Capacitive Load.
FIGURE 2-28:
Channel-to-Channel
Separation vs. Frequency.
0
1
2
3
4
5
6
7
8
9
10
1.0E-11
1.0E-10
1.0E-09
Normalized Capacitive Load; CL/GN (F)
10p
100p
1n
GN = 1 V/V
GN = 2 V/V
GN ≥ 4 V/V
50
60
70
80
90
100
110
120
130
140
150
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
1k
10k
100k
VCM = VDD/2
G = +1 V/V
RS = 10 kΩ
RS = 100 kΩ
1M
10M
RS = 0Ω
RS = 100Ω
RS = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com