Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4321 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F4321 Datasheet HTML 1Page - Microchip Technology PIC18F4321 Datasheet HTML 2Page - Microchip Technology PIC18F4321 Datasheet HTML 3Page - Microchip Technology PIC18F4321 Datasheet HTML 4Page - Microchip Technology PIC18F4321 Datasheet HTML 5Page - Microchip Technology PIC18F4321 Datasheet HTML 6Page - Microchip Technology PIC18F4321 Datasheet HTML 7Page - Microchip Technology PIC18F4321 Datasheet HTML 8Page - Microchip Technology PIC18F4321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 3
PIC18F2221/2321/4221/4321 FAMILY
Power-Managed Modes:
• Run: CPU On, Peripherals On
• Idle: CPU Off, Peripherals On
• Sleep: CPU Off, Peripherals Off
• Idle mode Currents Down to 2.5
μA Typical
• Sleep mode Currents Down to 500 nA Typical
• Timer1 Oscillator: 1.8
μA, 32 kHz, 2V Typical
• Watchdog Timer: 1.6
μA, 2V Typical
• Two-Speed Oscillator Start-up
Flexible Oscillator Structure:
• Four Crystal modes, up to 40 MHz
• 4x Phase Lock Loop (PLL) – Available for Crystal
and Internal Oscillators
• Two External RC modes, up to 4 MHz
• Two External Clock modes, up to 40 MHz
• Internal Oscillator Block:
- 8 user-selectable frequencies, from 31 kHz to
8MHz
- Provides a complete range of clock speeds
from 31 kHz to 32 MHz when used with PLL
- User-tunable to compensate for frequency drift
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor
- Allows for safe shutdown if peripheral clock stops
Peripheral Highlights:
• High-Current Sink/Source 25 mA/25 mA
• Three Programmable External Interrupts
• Four Input Change Interrupts
• Up to 2 Capture/Compare/PWM (CCP) modules,
one with Auto-Shutdown (28-pin devices)
• Enhanced Capture/Compare/PWM (ECCP)
module (40/44-pin devices only):
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-shutdown and auto-restart
Peripheral Highlights (Continued):
• Master Synchronous Serial Port (MSSP) module
Supporting 3-Wire SPI (all 4 modes) and I2C™
Master and Slave modes
• Enhanced Addressable USART module:
- Supports RS-485, RS-232 and LIN/J2602
- Auto-wake-up on Start bit
- Auto-Baud Detect
• 10-Bit, up to 13-Channel Analog-to-Digital
Converter module (A/D):
- Auto-acquisition capability
- Conversion available during Sleep
• Dual Analog Comparators with Input Multiplexing
• Programmable 16-Level High/Low-Voltage
Detection (HLVD) module:
- Supports interrupt on High/Low-Voltage Detection
Special Microcontroller Features:
• C Compiler Optimized Architecture:
- Optional extended instruction set designed to
optimize re-entrant code
• 100,000 Erase/Write Cycle Enhanced Flash
Program Memory Typical
• 1,000,000 Erase/Write Cycle Data EEPROM
Memory Typical
• Flash/Data EEPROM Retention: 100 Years Typical
• Self-Programmable under Software Control
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Single-Supply 5V In-Circuit Serial
Programming™ (ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Wide Operating Voltage Range: 2.0V to 5.5V
• Programmable Brown-out Reset (BOR) with
Software Enable Option)
-
Device
Program Memory
Data Memory
I/O
10-Bit
A/D (ch)
CCP/
ECCP
(PWM)
MSSP
Comp.
Timers
8/16-Bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
SPI
Master
I2C™
PIC18F2221
4K
2048
512
256
25
10
2/0
Y
Y
1
2
1/3
PIC18F2321
8K
4096
512
256
25
10
2/0
Y
Y
1
2
1/3
PIC18F4221
4K
2048
512
256
36
13
1/1
Y
Y
1
2
1/3
PIC18F4321
8K
4096
512
256
36
13
1/1
Y
Y
1
2
1/3
28/40/44-Pin Enhanced Flash Microcontrollers with
10-Bit A/D and nanoWatt Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com