Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4321 Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 88Page - Microchip Technology PIC18F4321 Datasheet HTML 89Page - Microchip Technology PIC18F4321 Datasheet HTML 90Page - Microchip Technology PIC18F4321 Datasheet HTML 91Page - Microchip Technology PIC18F4321 Datasheet HTML 92Page - Microchip Technology PIC18F4321 Datasheet HTML 93Page - Microchip Technology PIC18F4321 Datasheet HTML 94Page - Microchip Technology PIC18F4321 Datasheet HTML 95Page - Microchip Technology PIC18F4321 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 92
© 2009 Microchip Technology Inc.
8.5
Operation During Code-Protect
Data EEPROM memory has its own code-protect bits in
Configuration
Words.
External
read
and
write
operations are disabled if code protection is enabled.
The microcontroller itself can both read and write to the
internal data EEPROM, regardless of the state of the
code-protect Configuration bit. Refer to Section 24.0
“Special Features of the CPU” for additional
information.
8.6
Protection Against Spurious Write
To protect against spurious EEPROM writes, various
mechanisms have been implemented. On power-up,
the WREN bit is cleared. In addition, writes to the
EEPROM are blocked during the Power-up Timer
period (TPWRT, parameter 33).
The write initiate sequence and the WREN bit together
help prevent an accidental write during Brown-out
Reset, power glitch or software malfunction.
8.7
Using the Data EEPROM
The data EEPROM is a high-endurance, byte
addressable array that has been optimized for the
storage of frequently changing data. Such data is
typically updated at least one time within the number of
writes defined by specification, D124. If any location
storing data is not written at least this often, the data
EEPROM array must be refreshed. For this reason,
values that change infrequently, or not at all, should be
stored in Flash program memory.
A simple data EEPROM refresh routine is shown in
Example 8-3.
EXAMPLE 8-3:
DATA EEPROM REFRESH ROUTINE
Note:
If data EEPROM is only used to store con-
stants and/or data that changes often, an
array refresh is likely not required. See
specification, D124.
CLRF
EEADR
; Start at address 0
BCF
EECON1, CFGS
; Set for memory
BCF
EECON1, EEPGD
; Set for Data EEPROM
BCF
INTCON, GIE
; Disable interrupts
BSF
EECON1, WREN
; Enable writes
LOOP
; Loop to refresh array
BSF
EECON1, RD
; Read current address
MOVLW
55h
;
MOVWF
EECON2
; Write 55h
MOVLW
0AAh
;
MOVWF
EECON2
; Write 0AAh
BSF
EECON1, WR
; Set WR bit to begin write
BTFSC
EECON1, WR
; Wait for write to complete
BRA
$-2
INCFSZ
EEADR, F
; Increment address
BRA
LOOP
; Not zero, do it again
BCF
EECON1, WREN
; Disable writes
BSF
INTCON, GIE
; Enable interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com