Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4321 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 87Page - Microchip Technology PIC18F4321 Datasheet HTML 88Page - Microchip Technology PIC18F4321 Datasheet HTML 89Page - Microchip Technology PIC18F4321 Datasheet HTML 90Page - Microchip Technology PIC18F4321 Datasheet HTML 91Page - Microchip Technology PIC18F4321 Datasheet HTML 92Page - Microchip Technology PIC18F4321 Datasheet HTML 93Page - Microchip Technology PIC18F4321 Datasheet HTML 94Page - Microchip Technology PIC18F4321 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 91
PIC18F2221/2321/4221/4321 FAMILY
8.2
Reading the Data EEPROM
Memory
To read a data memory location, the user must write the
address to the EEADR register, clear the EEPGD
control bit (EECON1<7>) and then set control bit, RD
(EECON1<0>). The data is available on the very next
instruction cycle; therefore, the EEDATA register can
be read by the next instruction. EEDATA will hold this
value until another read operation, or until it is written to
by the user (during a write operation).
The basic process is shown in Example 8-1.
8.3
Writing to the Data EEPROM
Memory
To write an EEPROM data location, the address must
first be written to the EEADR register and the data
written to the EEDATA register. The sequence in
Example 8-2 must be followed to initiate the write cycle.
The write will not begin if this sequence is not exactly
followed (write 55h to EECON2, write 0AAh to
EECON2, then set WR bit) for each byte. It is strongly
recommended that interrupts be disabled during this
code segment.
Additionally, the WREN bit in EECON1 must be set to
enable writes. This mechanism prevents accidental
writes to data EEPROM due to unexpected code
execution (i.e., runaway programs). The WREN bit
should be kept clear at all times, except when updating
the EEPROM. The WREN bit is not cleared by
hardware.
After a write sequence has been initiated, EECON1,
EEADR and EEDATA cannot be modified. The WR bit
will be inhibited from being set unless the WREN bit is
set. The WREN bit must be set on a previous instruc-
tion. Both WR and WREN cannot be set with the same
instruction.
At the completion of the write cycle, the WR bit is
cleared in hardware and the EEPROM Interrupt Flag
bit, EEIF, is set. The user may either enable this
interrupt, or poll this bit. EEIF must be cleared by
software.
8.4
Write Verify
Depending on the application, good programming
practice may dictate that the value written to the mem-
ory should be verified against the original value. This
should be used in applications where excessive writes
can stress bits near the specification limit.
EXAMPLE 8-1:
DATA EEPROM READ
EXAMPLE 8-2:
DATA EEPROM WRITE
MOVLW
DATA_EE_ADDR
;
MOVWF
EEADR
; Data Memory Address to read
BCF
EECON1, EEPGD
; Point to DATA memory
BCF
EECON1, CFGS
; Access EEPROM
BSF
EECON1, RD
; EEPROM Read
MOVF
EEDATA, W
; W = EEDATA
MOVLW
DATA_EE_ADDR
;
MOVWF
EEADR
; Data Memory Address to write
MOVLW
DATA_EE_DATA
;
MOVWF
EEDATA
; Data Memory Value to write
BCF
EECON1, EEPGD
; Point to DATA memory
BCF
EECON1, CFGS
; Access EEPROM
BSF
EECON1, WREN
; Enable writes
BCF
INTCON, GIE
; Disable Interrupts
MOVLW
55h
;
Required
MOVWF
EECON2
; Write 55h
Sequence
MOVLW
0AAh
;
MOVWF
EECON2
; Write 0AAh
BSF
EECON1, WR
; Set WR bit to begin write
BTFSC
EECON1, WR
; Wait for write to complete
GOTO
$-2
BSF
INTCON, GIE
; Enable Interrupts
; User code execution
BCF
EECON1, WREN
; Disable writes on write complete (EEIF set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com