Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4321 Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 15Page - Microchip Technology PIC18F4321 Datasheet HTML 16Page - Microchip Technology PIC18F4321 Datasheet HTML 17Page - Microchip Technology PIC18F4321 Datasheet HTML 18Page - Microchip Technology PIC18F4321 Datasheet HTML 19Page - Microchip Technology PIC18F4321 Datasheet HTML 20Page - Microchip Technology PIC18F4321 Datasheet HTML 21Page - Microchip Technology PIC18F4321 Datasheet HTML 22Page - Microchip Technology PIC18F4321 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 19
PIC18F2221/2321/4221/4321 FAMILY
PORTA is a bidirectional I/O port.
RA0/AN0
RA0
AN0
219
19
I/O
I
TTL
Analog
Digital I/O.
Analog Input 0.
RA1/AN1
RA1
AN1
320
20
I/O
I
TTL
Analog
Digital I/O.
Analog Input 1.
RA2/AN2/VREF-/CVREF
RA2
AN2
VREF-
CVREF
421
21
I/O
I
I
O
TTL
Analog
Analog
Analog
Digital I/O.
Analog Input 2.
A/D reference voltage (low) input.
Comparator reference voltage output.
RA3/AN3/VREF+
RA3
AN3
VREF+
522
22
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog Input 3.
A/D reference voltage (high) input.
RA4/T0CKI/C1OUT
RA4
T0CKI
C1OUT
623
23
I/O
I
O
ST
ST
—
Digital I/O.
Timer0 external clock input.
Comparator 1 output.
RA5/AN4/SS/HLVDIN/
C2OUT
RA5
AN4
SS
HLVDIN
C2OUT
724
24
I/O
I
I
I
O
TTL
Analog
TTL
Analog
—
Digital I/O.
Analog Input 4.
SPI slave select input.
High/Low-Voltage Detect input.
Comparator 2 output.
RA6
See the OSC2/CLKO/RA6 pin.
RA7
See the OSC1/CLKI/RA7 pin.
TABLE 1-3:
PIC18F4221/4321 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP
QFN TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
P = Power
I2C = ST with I2C™ or SMB levels
O
= Output
Note 1: Default assignment for CCP2 when Configuration bit, CCP2MX, is set.
2: Alternate assignment for CCP2 when Configuration bit, CCP2MX, is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com