Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4321 Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 26Page - Microchip Technology PIC18F4321 Datasheet HTML 27Page - Microchip Technology PIC18F4321 Datasheet HTML 28Page - Microchip Technology PIC18F4321 Datasheet HTML 29Page - Microchip Technology PIC18F4321 Datasheet HTML 30Page - Microchip Technology PIC18F4321 Datasheet HTML 31Page - Microchip Technology PIC18F4321 Datasheet HTML 32Page - Microchip Technology PIC18F4321 Datasheet HTML 33Page - Microchip Technology PIC18F4321 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 30
© 2009 Microchip Technology Inc.
TABLE 3-2:
CAPACITOR SELECTION FOR
QUARTZ CRYSTALS
An external clock source may also be connected to the
OSC1 pin in the HS mode, as shown in Figure 3-2.
When operated in this mode, parameters D033 and
D043 apply.
FIGURE 3-2:
EXTERNAL CLOCK INPUT
OPERATION (HS OSC
CONFIGURATION)
3.3
External Clock Input
The EC and ECIO Oscillator modes require an external
clock source to be connected to the OSC1 pin. There is
no oscillator start-up time required after a Power-on
Reset or after an exit from Sleep mode.
In the EC Oscillator mode, the oscillator frequency
divided by 4 is available on the OSC2 pin. This signal
may be used for test purposes or to synchronize other
logic. Figure 3-3 shows the pin connections for the EC
Oscillator mode.
FIGURE 3-3:
EXTERNAL CLOCK
INPUT OPERATION
(EC CONFIGURATION)
The ECIO Oscillator mode functions like the EC mode,
except that the OSC2 pin becomes an additional
general purpose I/O pin. The I/O pin becomes bit 6 of
PORTA (RA6). Figure 3-4 shows the pin connections
for the ECIO Oscillator mode. When operated in this
mode, parameters D033A and D043A apply.
FIGURE 3-4:
EXTERNAL CLOCK
INPUT OPERATION
(ECIO CONFIGURATION)
Osc Type
Crystal
Freq
Typical Capacitor Values
Tested:
C1
C2
LP
32 kHz
22 pF
22 pF
XT
1 MHz
4 MHz
22 pF
22 pF
22 pF
22 pF
HS
4 MHz
10 MHz
20 MHz
25 MHz
22 pF
22 pF
22 pF
22 pF
22 pF
22 pF
22 pF
22 pF
Capacitor values are for design guidance only.
Different capacitor values may be required to produce
acceptable oscillator operation. The user should test
the performance of the oscillator over the expected
VDD and temperature range for the application. Refer
to the following application notes for oscillator specific
information:
• AN588, “PIC® Microcontroller Oscillator Design
Guide”
• AN826, “Crystal Oscillator Basics and Crystal
Selection for rfPIC® and PIC® Devices”
• AN849, “Basic PIC® Oscillator Design”
• AN943, “Practical PIC® Oscillator Analysis and
Design”
• AN949, “Making Your Oscillator Work”
See the notes following this table for additional
information.
Note 1: Higher capacitance increases the stability
of the oscillator but also increases the
start-up time.
2: When operating below 3V VDD, or when
using certain ceramic resonators at any
voltage, it may be necessary to use the
HS mode or switch to a crystal oscillator.
3: Since each resonator/crystal has its own
characteristics, the user should consult
the resonator/crystal manufacturer for
appropriate
values
of
external
components.
4: Rs may be required to avoid overdriving
crystals with low drive level specification.
5: Always verify oscillator performance over
the VDD and temperature range that is
expected for the application.
OSC1
OSC2
Open
Clock from
Ext. System
PIC18FXXXX
(HS Mode)
OSC1/CLKI
OSC2/CLKO
FOSC/4
Clock from
Ext. System
PIC18FXXXX
OSC1/CLKI
I/O (OSC2)
RA6
Clock from
Ext. System
PIC18FXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com