Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4321 Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 65Page - Microchip Technology PIC18F4321 Datasheet HTML 66Page - Microchip Technology PIC18F4321 Datasheet HTML 67Page - Microchip Technology PIC18F4321 Datasheet HTML 68Page - Microchip Technology PIC18F4321 Datasheet HTML 69Page - Microchip Technology PIC18F4321 Datasheet HTML 70Page - Microchip Technology PIC18F4321 Datasheet HTML 71Page - Microchip Technology PIC18F4321 Datasheet HTML 72Page - Microchip Technology PIC18F4321 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 69
PIC18F2221/2321/4221/4321 FAMILY
TABLE 6-2:
REGISTER FILE SUMMARY (PIC18F2221/2321/4221/4321)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
55, 60
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
55, 60
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
55, 60
STKPTR
STKFUL(6)
STKUNF(6)
—
SP4
SP3
SP2
SP1
SP0
00-0 0000
55, 61
PCLATU
—
—
Holding Register for PC<21:16>
--00 0000
55, 60
PCLATH
Holding Register for PC<15:8>
0000 0000
55, 60
PCL
PC Low Byte (PC<7:0>)
0000 0000
55, 60
TBLPTRU
—
—
bit 21
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
--00 0000
55, 82
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
55, 82
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
55, 82
TABLAT
Program Memory Table Latch
0000 0000
55, 82
PRODH
Product Register High Byte
xxxx xxxx
55, 95
PRODL
Product Register Low Byte
xxxx xxxx
55, 95
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
55, 99
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—RBIP
1111 -1-1
55, 100
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
55, 101
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
N/A
55, 74
POSTINC0 Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
N/A
55, 74
POSTDEC0 Uses contents of FSR0 to address data memory – value of FSR0 post-decremented (not a physical register)
N/A
55, 74
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
N/A
55, 74
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register) –
value of FSR0 offset by W
N/A
55, 74
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High Byte
---- 0000
55, 74
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
55, 74
WREG
Working Register
xxxx xxxx
55
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
N/A
55, 74
POSTINC1 Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
N/A
55, 74
POSTDEC1 Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register)
N/A
55, 74
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
N/A
55, 74
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register) –
value of FSR1 offset by W
N/A
55, 74
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High Byte
---- 0000
56, 74
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
56, 74
BSR
—
—
—
—
Bank Select Register
---- 0000
56, 65
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
N/A
56, 74
POSTINC2 Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
N/A
56, 74
POSTDEC2 Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register)
N/A
56, 74
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register)
N/A
56, 74
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register) –
value of FSR2 offset by W
N/A
56, 74
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High Byte
---- 0000
56, 74
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
56, 74
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
56, 72
Legend:
x = unknown, u = unchanged, — = unimplemented, q = value depends on condition
Note
1:
The SBOREN bit is only available when the BOREN<1:0> Configuration bits = 01; otherwise, it is disabled and reads as ‘0’. See
Section 5.4 “Brown-out Reset (BOR)”.
2:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
3:
The PLLEN bit is only available in specific oscillator configurations; otherwise, it is disabled and reads as ‘0’. See Section 3.6.4 “PLL in
INTOSC Modes”.
4:
The RE3 bit is only available when Master Clear Reset is disabled (MCLRE Configuration bit = 0); otherwise, RE3 reads as ‘0’. This bit is
read-only.
5:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes.
When disabled, these bits read as ‘0’.
6:
Bit 7 and bit 6 are cleared by user software or by a POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com