Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4321 Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 28Page - Microchip Technology PIC18F4321 Datasheet HTML 29Page - Microchip Technology PIC18F4321 Datasheet HTML 30Page - Microchip Technology PIC18F4321 Datasheet HTML 31Page - Microchip Technology PIC18F4321 Datasheet HTML 32Page - Microchip Technology PIC18F4321 Datasheet HTML 33Page - Microchip Technology PIC18F4321 Datasheet HTML 34Page - Microchip Technology PIC18F4321 Datasheet HTML 35Page - Microchip Technology PIC18F4321 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 32
© 2009 Microchip Technology Inc.
3.6
Internal Oscillator Block
The PIC18F2221/2321/4221/4321 family of devices
includes an internal oscillator block which generates
two different clock signals; either can be used as the
microcontroller’s clock source. This may eliminate the
need for external oscillator circuits on the OSC1 and/or
OSC2 pins.
The main output (INTOSC) is an 8 MHz clock source,
which can be used to directly drive the device clock. It
also drives a postscaler, which can provide a range of
clock frequencies from 31 kHz to 4 MHz. The INTOSC
output is enabled when a clock frequency from 125 kHz
to 8 MHz is selected. The INTOSC output can also be
enabled when 31 kHz is selected, depending on the
INTSRC bit (OSCTUNE<7>).
The other clock source is the internal RC oscillator
(INTRC), which provides a nominal 31 kHz output.
INTRC is enabled if it is selected as the device clock
source; it is also enabled automatically when any of the
following are enabled:
• Power-up Timer
• Fail-Safe Clock Monitor
• Watchdog Timer
• Two-Speed Start-up
These features are discussed in greater detail in
Section 24.0 “Special Features of the CPU”.
The clock source frequency (INTOSC direct, INTRC
direct or INTOSC postscaler) is selected by configuring
the IRCF bits of the OSCCON register (page 37).
3.6.1
INTIO MODES
Using the internal oscillator as the clock source elimi-
nates the need for up to two external oscillator pins,
which can then be used for digital I/O. Two distinct
configurations are available:
• In INTIO1 mode, the OSC2 pin outputs FOSC/4,
while OSC1 functions as RA7 (see Figure 3-8) for
digital input and output.
• In INTIO2 mode, OSC1 functions as RA7 and
OSC2 functions as RA6 (see Figure 3-9), both for
digital input and output.
FIGURE 3-8:
INTIO1 OSCILLATOR MODE
FIGURE 3-9:
INTIO2 OSCILLATOR MODE
3.6.2
INTOSC OUTPUT FREQUENCY
The internal oscillator block is calibrated at the factory
to produce an INTOSC output frequency of 8 MHz.
The INTRC oscillator operates independently of the
INTOSC source. Any changes in INTOSC across
voltage and temperature are not necessarily reflected
by changes in INTRC or vice versa.
3.6.3
OSCTUNE REGISTER
The INTOSC output has been calibrated at the
factory but can be adjusted in the user’s application.
This
is
done
by
writing
to
TUN<4:0>
(OSCTUNE<4:0>)
in
the
OSCTUNE
register
(Register 3-1).
When the OSCTUNE register is modified, the INTOSC
frequency will begin shifting to the new frequency.
Code execution continues during this shift. There is no
indication that the shift has occurred. The INTRC is not
affected by OSCTUNE.
The OSCTUNE register also implements the INTSRC
(OSCTUNE<7>) and PLLEN (OSCTUNE<6>) bits,
which control certain features of the internal oscillator
block. The INTSRC bit allows users to select which
internal oscillator provides the clock source when the
31 kHz frequency option is selected. This is covered in
greater detail in Section 3.7.1 “Oscillator Control
Register”.
The PLLEN bit controls the operation of the Phase
Locked Loop (PLL) in Internal Oscillator modes (see
Figure 3-10).
FIGURE 3-10:
INTOSC AND PLL BLOCK
DIAGRAM
PIC18FXXXX
OSC2
FOSC/4
I/O (OSC1)
RA7
PIC18FXXXX
I/O (OSC2)
RA6
I/O (OSC1)
RA7
VCO
Loop
Filter
OSC2
PLLEN
FIN
FOUT
SYSCLK
Phase
Comparator
8 or 4 MHz
÷4
(OSCTUNE<6>)
RA6
CLKO
INTOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com