Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027EVPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8027EVPBF
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027EVPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8027EVPBF Datasheet HTML 3Page - Linear Technology LTM8027EVPBF Datasheet HTML 4Page - Linear Technology LTM8027EVPBF Datasheet HTML 5Page - Linear Technology LTM8027EVPBF Datasheet HTML 6Page - Linear Technology LTM8027EVPBF Datasheet HTML 7Page - Linear Technology LTM8027EVPBF Datasheet HTML 8Page - Linear Technology LTM8027EVPBF Datasheet HTML 9Page - Linear Technology LTM8027EVPBF Datasheet HTML 10Page - Linear Technology LTM8027EVPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTM8027
7
8027f
Minimum VIN vs Load,
VOUT = 12V
Minimum VIN vs Load,
VOUT = 15V
Minimum VIN vs Load,
VOUT = 18V
Minimum VIN vs Load,
VOUT = 24V
Minimum VIN vs VOUT,
IOUT = 4A
Minimum VIN vs Load,
VOUT = –3.3V
Minimum VIN vs Load,
VOUT = –5V
Minimum VIN vs Load,
VOUT = –8V
Minimum VIN vs Load,
VOUT = –12V
LOAD (A)
0
14.0
14.5
15.0
4
8027 G27
13.5
13.0
12.0
1
2
3
12.5
16.0
15.5
LOAD (A)
0
17.0
17.5
18.0
4
8027 G28
16.5
16.0
15.0
1
2
3
15.5
19.0
18.5
LOAD (A)
0
18
19
20
21
22
23
24
12
3
4
8027 G29
LOAD (A)
0
26
28
32
3
8027 G30
24
22
12
4
20
18
30
VOUT (V)
0
25
30
35
20
8027 G31
20
15
510
15
25
10
5
0
LOAD (A)
0
5
6
7
4
8027 G45
4
3
0
1
1
2
3
2
9
8
LOAD (A)
0
0
2
4
6
8
10
12
12
3
4
8027 G32
LOAD (A)
0
0
5
10
15
20
25
30
12
3
4
8027 G33
LOAD (A)
0
0
5
15
20
25
50
35
1
2
8027 G34
10
40
45
30
3
4
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com