Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027EVPBF Datasheet(PDF) 15 Page - Linear Technology

Part # LTM8027EVPBF
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027EVPBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM8027EVPBF Datasheet HTML 11Page - Linear Technology LTM8027EVPBF Datasheet HTML 12Page - Linear Technology LTM8027EVPBF Datasheet HTML 13Page - Linear Technology LTM8027EVPBF Datasheet HTML 14Page - Linear Technology LTM8027EVPBF Datasheet HTML 15Page - Linear Technology LTM8027EVPBF Datasheet HTML 16Page - Linear Technology LTM8027EVPBF Datasheet HTML 17Page - Linear Technology LTM8027EVPBF Datasheet HTML 18Page - Linear Technology LTM8027EVPBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTM8027
15
8027f
APPLICATIONS INFORMATION
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8027. The LTM8027 is neverthe-
less a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 3
for a suggested layout.
Ensure that the grounding and heatsinking are acceptable.
A few rules to keep in mind are:
1. Place the RADJ and RT resistors as close as possible to
their respective pins.
2. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8027.
3. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM8027.
4. Place the CIN and COUT capacitors such that their
ground current flow directly adjacent to or underneath
the LTM8027.
5. Connect all of the GND connections to as large a copper
pour or plane area as possible on the top layer. Avoid
breaking the ground connection between the external
components and the LTM8027.
Use vias to connect the GND copper area to the board’s
internal ground planes. Liberally distribute these GND vias
to provide both a good ground connection and thermal
path to the internal planes of the printed circuit board. Pay
attention to the location and density of the thermal vias in
Figure 3. The LTM8027 can benefit from the heat sinking
afforded by vias that connect to internal GND planes at
these locations, due to their proximity to internal power
handling components. The optimum number of thermal
vias depends upon the printed circuit board design. For
example, a board might use very small via holes. It should
employ more thermal vias than a board that uses larger
holes.
Thermal Considerations
The LTM8027 output current may need to be derated if it is
required to operate in a high ambient temperature or deliver
a large amount of continuous power. The amount of current
derating is dependent upon the input voltage, output power
and ambient temperature. The temperature rise curves
given in the Typical Performance Characteristics section
can be used as a guide. These curves were generated by a
LTM8027 mounted to a 58cm2 4-layer FR4 printed circuit
board. Boards of other sizes and layer count can exhibit
different thermal behavior, so it is incumbent upon the user
to verify proper operation over the intended system’s line,
load and environmental operating conditions.
VOUT
VIN
GND
8027 F03
GND
RT
RADJ
SS
RUN
SYNC
AUX
BIAS1
BIAS2
CIN
COUT
COUT
Figure 3. Suggested Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com