Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027EVPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8027EVPBF
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027EVPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8027EVPBF Datasheet HTML 4Page - Linear Technology LTM8027EVPBF Datasheet HTML 5Page - Linear Technology LTM8027EVPBF Datasheet HTML 6Page - Linear Technology LTM8027EVPBF Datasheet HTML 7Page - Linear Technology LTM8027EVPBF Datasheet HTML 8Page - Linear Technology LTM8027EVPBF Datasheet HTML 9Page - Linear Technology LTM8027EVPBF Datasheet HTML 10Page - Linear Technology LTM8027EVPBF Datasheet HTML 11Page - Linear Technology LTM8027EVPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTM8027
8
8027f
Temperature Rise vs Load,
VOUT = 2.5V
Temperature Rise vs Load,
VOUT = 3.3V
Temperature Rise vs Load,
VOUT = 5V
Temperature Rise vs Load,
VOUT = 8V
Temperature Rise vs Load,
VOUT = 12V
Temperature Rise vs Load,
VOUT = 15V
Temperature Rise vs Load,
VOUT = 18V
Temperature Rise vs Load,
VOUT = 24V
LOAD (A)
0
22
27
32
4
8027 G35
17
12
2
1
2
3
7
42
37
36VIN
24VIN
12VIN
5VIN
LOAD (A)
0
25
30
35
4
8027 G36
20
15
0
1
2
3
5
10
45
40
60VIN
48VIN
36VIN
24VIN
12VIN
5VIN
LOAD (A)
0
0
5
15
20
25
50
35
1
2
8027 G37
10
40
45
30
3
4
60VIN
48VIN
36VIN
24VIN
12VIN
LOAD (A)
0
40
50
70
3
8027 G38
30
20
12
4
10
0
60
60VIN
48VIN
36VIN
24VIN
12VIN
LOAD (A)
0
40
50
60
4
8027 G39
30
20
0
1
2
3
10
80
70
60VIN
48VIN
36VIN
24VIN
16VIN
LOAD (A)
0
50
60
70
4
8027 G40
40
30
0
1
2
3
10
20
90
80
60VIN
48VIN
36VIN
24VIN
20.5VIN
LOAD (A)
0
0
10
30
40
50
100
70
1
2
8027 G41
20
80
90
60
3
4
60VIN
48VIN
36VIN
26VIN
LOAD (A)
0
0
10
30
40
50
100
70
1
2
8027 G42
20
80
90
60
3
4
60VIN
48VIN
36VIN
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com