Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027EVPBF Datasheet(PDF) 17 Page - Linear Technology

Part # LTM8027EVPBF
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027EVPBF Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM8027EVPBF Datasheet HTML 12Page - Linear Technology LTM8027EVPBF Datasheet HTML 13Page - Linear Technology LTM8027EVPBF Datasheet HTML 14Page - Linear Technology LTM8027EVPBF Datasheet HTML 15Page - Linear Technology LTM8027EVPBF Datasheet HTML 16Page - Linear Technology LTM8027EVPBF Datasheet HTML 17Page - Linear Technology LTM8027EVPBF Datasheet HTML 18Page - Linear Technology LTM8027EVPBF Datasheet HTML 19Page - Linear Technology LTM8027EVPBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTM8027
17
8027f
TYPICAL APPLICATIONS
3.3V VOUT Step-Down Converter
5V VOUT Step-Down Converter
15V VOUT Step-Down Converter
18V VOUT Step-Down Converter
VIN
RUN
SS
SYNC
RT
ADJ
VOUT
GND
3845 TA02
LTM8027
VIN*
4.5V TO 40V
VOUT
3.3V
4A
9V
102k
1M
301k
*RUNNING VOLTAGE. SEE APPLICATIONS
INFORMATION FOR START-UP DETAILS
10μF
2
100μF
4
BIAS1
BIAS2
AUX
VIN
RUN
SS
SYNC
RT
ADJ
VOUT
GND
3845 TA03
LTM8027
VIN
7.5V TO 60V
VOUT
5V
4A
9V
75k
1M
162k
4.7μF
2
100μF
4
BIAS1
BIAS2
AUX
VIN
RUN
SS
SYNC
RT
ADJ
VOUT
GND
3845 TA04
LTM8027
VIN
20.5V TO 60V
VOUT
15V
3.5A
4A SURGE
40.2k
1M
44.2k
4.7μF
2
22μF
4
BIAS1
BIAS2
AUX
VIN
RUN
SS
SYNC
RT
ADJ
VOUT
GND
3845 TA05
LTM8027
VIN
26V TO 60V
VOUT
18V
3A
4A SURGE
9V
31.6k
1M
36.5k
4.7μF
2
10μF
4
BIAS1
BIAS2
AUX
–12V VOUT Postitive-to-Negative Converter
VIN
RUN
SS
SYNC
RT
ADJ
VOUT
GND
3845 TA07
LTM8027
VIN
20V TO 48V
48.7k
1M
56.2k
4.7μF
2
22μF
4
VOUT
–12V
3A
BIAS1
BIAS2
AUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com