Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027EVPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8027EVPBF
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027EVPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8027EVPBF Datasheet HTML 2Page - Linear Technology LTM8027EVPBF Datasheet HTML 3Page - Linear Technology LTM8027EVPBF Datasheet HTML 4Page - Linear Technology LTM8027EVPBF Datasheet HTML 5Page - Linear Technology LTM8027EVPBF Datasheet HTML 6Page - Linear Technology LTM8027EVPBF Datasheet HTML 7Page - Linear Technology LTM8027EVPBF Datasheet HTML 8Page - Linear Technology LTM8027EVPBF Datasheet HTML 9Page - Linear Technology LTM8027EVPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8027
6
8027f
Bias Current vs Load,
VOUT = 3.3V
Bias Current vs Load,
VOUT = 5V
Bias Current vs Load,
VOUT = 8V
LOAD (A)
0
14.5
15.0
15.5
18.0
16.5
1
2
8027 G18
14.0
17.0
17.5
16.0
3
4
48VIN
36VIN
24VIN
12VIN
LOAD (A)
0
14.5
15.0
4
8027 G19
14.0
13.0
1
2
3
13.5
16.0
15.5
48VIN
36VIN
24VIN
12VIN
LOAD (A)
0
24.5
25.0
4
8027 G20
24.0
23.5
23.0
22.5
22.0
1
2
3
26.0
25.5
48VIN
36VIN
24VIN
Bias Current vs Load,
VOUT = 12V
Bias Current vs Load,
VOUT = 15V
Bias Current vs Load,
VOUT = 18V
LOAD (A)
0
27.0
27.5
28.5
28.0
4
8027 G21
26.5
26.0
25.0
1
2
3
25.5
29.5
29.0
48VIN
36VIN
24VIN
LOAD (A)
0
35
36
4
8027 G22
34
33
32
31
30
1
2
3
38
37
48VIN
36VIN
24VIN
LOAD (A)
0
35
36
38
39
40
45
42
1
2
8027 G23
37
43
44
41
3
4
48VIN
36VIN
Bias Current vs Load,
VOUT = 24V
Minimum VIN vs Load,
VOUT = 5V
Minimum VIN vs Load,
VOUT = 8V
LOAD (A)
0
40
42
4
8027 G44
38
36
32
1
2
3
34
46
44
48VIN
36VIN
LOAD (A)
0
5.0
5.1
5.3
5.4
5.5
6.0
5.7
1
2
8027 G25
5.2
5.8
5.9
5.6
3
4
LOAD (A)
0
8.0
8.2
8.6
8.8
9.0
10.0
9.4
1
2
8027 G26
8.4
9.6
9.8
9.2
3
4
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com