Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027EVPBF Datasheet(PDF) 16 Page - Linear Technology

Part # LTM8027EVPBF
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027EVPBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM8027EVPBF Datasheet HTML 12Page - Linear Technology LTM8027EVPBF Datasheet HTML 13Page - Linear Technology LTM8027EVPBF Datasheet HTML 14Page - Linear Technology LTM8027EVPBF Datasheet HTML 15Page - Linear Technology LTM8027EVPBF Datasheet HTML 16Page - Linear Technology LTM8027EVPBF Datasheet HTML 17Page - Linear Technology LTM8027EVPBF Datasheet HTML 18Page - Linear Technology LTM8027EVPBF Datasheet HTML 19Page - Linear Technology LTM8027EVPBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTM8027
16
8027f
The junction-to-air and junction-to-board thermal resis-
tances given in the Pin Configuration diagram may also
be used to estimate the LTM8027 internal temperature.
These thermal coefficients are determined per JESD 51-9
(JEDEC standard, test boards for area array surface mount
package thermal measurements) through analysis and
physical correlation. Bear in mind that the actual thermal
resistance of the LTM8027 to the printed circuit board
depends upon the design of the circuit board.
APPLICATIONS INFORMATION
The die temperature of the LTM8027 must be lower than
the maximum rating of 125°C, so care should be taken in
the layout of the circuit to ensure good heat sinking of the
LTM8027. The bulk of the heat flow out of the LTM8027
is through the bottom of the module and the LGA pads
into the printed circuit board. Consequently a poor printed
circuit board design can cause excessive heating, result-
ing in impaired performance or reliability. Please refer to
the PCB Layout section for printed circuit board design
suggestions.
Table 2. Recommended Component Values and Configuration
(TA = 25°C. See Typical Performance Characteristics for load Conditions)
VIN RANGE
(V)
VOUT
(V)
CIN
COUT
BIAS1/BIAS2
RADJ
(kΩ)
fOPTIMAL
(kHz)
ROPTIMAL
(kΩ)
fMAX
(kHz)
RMAX
(kΩ)
4.5 to 60
3.3
2
× 4.7μF 2220 100V 5 × 100μF 1812 6.3V
8.5V to 15V
301
115
154
160
107
7.5 to 60
5
2
× 4.7μF 2220 100V 4 × 100μF 1210 6.3V
8.5V to 15V
162
210
75.0
230
68.2
10.5 to 60
8
2
× 4.7μF 2220 100V 4 × 47μF 1210 10V
8.5V to 15V
90.9
260
59.0
350
40.2
16 to 60
12
2
× 4.7μF 2220 100V 4 × 22μF 1210 16V
AUX
56.2
300
48.7
500
23.7
20.5 to 60
15
2
× 4.7μF 2220 100V 4 × 22μF 1210 16V
AUX
44.2
350
40.2
500
23.7
26 to 60
18
2
× 4.7μF 2220 100V 4 × 10μF 1812 25V
8.5V to 15V
36.5
400
31.6
500
23.7
34 to 60
24
2
× 4.7μF 2220 100V 4 × 10μF 1812 25V
8.5V to 15V
26.7
430
28.7
500
23.7
4.5 to 40
2.5
2
× 10μF 2220 50V 5 × 100μF 1812 6.3V
8.5V to 15V
487
145
124
185
88.7
4.5 to 40
3.3
2
× 10μF 2220 50V 4 × 100μF 1812 6.3V
8.5V to 15V
301
165
102
240
64.9
7.5 to 40
5
2
× 10μF 2220 50V 4 × 100μF 1210 6.3V
8.5V to 15V
162
210
75.0
315
45.3
10.5 to 40
8
2
× 10μF 2220 50V
4
× 47μF 1210 10V
8.5V to 15V
90.9
260
59.0
500
23.7
16 to 40
12
2
× 10μF 2220 50V
4
× 22μF 1210 16V
AUX
56.2
300
48.7
500
23.7
20.5 to 40
15
1
× 10μF 2220 50V
4
× 22μF 1210 16V
AUX
44.2
350
40.2
500
23.7
26 to 40
18
1
× 10μF 2220 50V
4
× 10μF 1812 25V
8.5V to 15V
36.5
400
31.6
500
23.7
34 to 40
24
1
× 10μF 2220 50V
4
× 10μF 1812 25V
8.5V to 15V
26.7
430
28.7
500
23.7
4.5 to 56
–3.3
2
× 4.7μF 2220 100V 5 × 100μF 1812 6.3V 8.5V to 15V Above Output
301
115
154
155
115
4.5 to 55
–5
2
× 4.7μF 2220 100V 4 × 100μF 1210 6.3V 8.5V to 15V Above Output
162
190
90.9
230
68.2
10.5 to 52
–8
2
× 4.7μF 2220 100V 4 × 47μF 1210 10V 8.5V to 15V Above Output
90.9
260
59.0
350
40.2
16 to 48
–12
2
× 4.7μF 2220 100V 4 × 22μF 1210 16V
AUX
56.2
300
48.7
500
23.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com