Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027EVPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8027EVPBF
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027EVPBF Datasheet(HTML) 1 Page - Linear Technology

  LTM8027EVPBF Datasheet HTML 1Page - Linear Technology LTM8027EVPBF Datasheet HTML 2Page - Linear Technology LTM8027EVPBF Datasheet HTML 3Page - Linear Technology LTM8027EVPBF Datasheet HTML 4Page - Linear Technology LTM8027EVPBF Datasheet HTML 5Page - Linear Technology LTM8027EVPBF Datasheet HTML 6Page - Linear Technology LTM8027EVPBF Datasheet HTML 7Page - Linear Technology LTM8027EVPBF Datasheet HTML 8Page - Linear Technology LTM8027EVPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8027
1
8027f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
60V, 4A DC/DC µModule
Regulator
The LTM®8027 is a complete 4A, DC/DC step-down power
supply. Included in the package are the switching control-
ler, power switches, inductor and all support components.
Operating over an input voltage range of 4.5V to 60V (7.5V
minimum voltage to start), the LTM8027 supports output
voltages up to 24V, and a switching frequency range of
100kHz to 500kHz, each set by a single resistor. Only the
bulk input and output filter capacitors are needed to finish
the design.
The low profile package (4.32mm) enables utilization of
unused space on the bottom of PC boards for high den-
sity point of load regulation. A built-in soft-start timer is
adjustable with a small capacitor.
The LTM8027 is packaged in a thermally enhanced, compact
(15mm
× 15mm) and low profile (4.32mm) over-molded
land grid array (LGA) package suitable for automated
assembly by standard surface mount equipment. The
LTM8027 is Pb-free and RoHS compliant.
48W, 16VIN to 60VIN DC/DC μModule
® Regulator
n Complete Switch Mode Power Supply
n Wide Input Voltage Range: 4.5V to 60V
(7.5V Minimum Voltage to Start)
n Wide Output Voltage Range: 2.5V to 24V
(See Table 2)
n 4A Output Current
n Programmable Soft-Start
n 10μA Shutdown Supply Current
n Selectable Switching Frequency Current Mode
Control
n Up to 95% Efficiency
n Pb-Free (e4) RoHS Compliant Package with
Gold Pad Finish
n Tiny, Low Profile (15mm
× 15mm × 4.32mm)
Surface Mount LGA Package
n 12V and 42V Automotive and Heavy Equipment
n 48V Telecom Power Supplies
n Avionics and Industrial Control Systems
n Distributed Power Converters
Efficiency vs Load
LOAD (A)
0
0
10
30
40
50
100
24VIN
70
1
2
8027 TA01b
20
80
90
60
3
4
VIN
RUN
SS
SYNC
RT
ADJ
VOUT
GND
3845 TA01a
LTM8027
VIN
16V TO 60V
VOUT
12V
4A
48.7k
1M
56.2k
4.7μF
2
22μF
4
BIAS1
BIAS2
AUX
L, LT, LTC, LTM, μModule, Linear Technology and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTM8027EVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8027EV LINER-LTM8027EV Datasheet
253Kb / 22P
Complete Switch Mode Power Supply
LTM8027EV LINER-LTM8027EV Datasheet
433Kb / 6P
60V, 4A DC/DC µModule® Regulator
More results

Similar Description - LTM8027EVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4604 LINER-LTM4604_15 Datasheet
613Kb / 20P
Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4604A LINER-LTM4604A_15 Datasheet
825Kb / 22P
Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
14VIN, 4A Step-Down DC/DC Module Regulator
LTM4614 LINER-LTM4614_15 Datasheet
377Kb / 20P
Dual 4A per Channel Low VIN DC/DC Module Regulator
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
Dual, 26VIN, 4A DC/DC Module Regulator
LTM8027 LINER-LTM8027_15 Datasheet
470Kb / 22P
60V, 4A DC/DC Module Regulator
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
Quad DC/DC Module Regulator with Configurable 4A Output Array
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com