Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM68932DVKB Datasheet(PDF) 1 Page - Etron Technology, Inc.

Part # EM68932DVKB
Description  4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68932DVKB Datasheet(HTML) 1 Page - Etron Technology, Inc.

  EM68932DVKB Datasheet HTML 1Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 2Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 3Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 4Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 5Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 6Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 7Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 8Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
EtronTech
EM68932DVKB
Etron Technology, Inc.
No. 6, Technology Rd. V, Hsinchu Science Park, Hsinchu, Taiwan 30078, R.O.C.
TEL: (886)-3-5782345
FAX: (886)-3-5778671
Etron Technology, Inc. reserves the right to change products or specification without notice.
4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
Etron Confidential
Advanced (Rev. 1.0 Aug. /2009)
Features
• Fast clock rate: 166/133 MHz
• Differential Clock CK & CK
• Bi-directional DQS
• Four internal banks, 1M x 32-bit for each bank
• Edge-aligned with read data, centered in write data
• Programmable Mode and Extended Mode Registers
- CAS Latency: 2, or 3
- Burst length: 2, 4, or 8
- Burst Type: Sequential & Interleaved
- PASR (Partial Array Self Refresh)
- Auto TCSR (Temperature Compensated Self
Refresh)
- DS (Drive Strength)
• Individual byte writes mask control
• DM Write Latency = 0
• Precharge Standby Current = 100 µA
• Self Refresh Current = 200 µA
• Deep power-down Current = 10 µA max. at 85℃
• Auto Refresh and Self Refresh
• 4096 refresh cycles / 64ms
• No DLL (Delay Lock Loop), to reduce power; CK to
DQS is not synchronized.
• Power supplies: VDD & VDDQ = +1.8V+0.15V/-0.1V
• Interface: LVCMOS
• Ambient Temperature TA = -25 ~ 85℃,
• 90-ball 8mm x 13mm VFBGA package
- Pb and Halogen Free
Overview
The EM68932D is 134,217,728 bits of double data
rate synchronous DRAM organized as 4 banks of
1,048,576 words by 32 bits. The synchronous
operation with Data Strobe allows extremely high
performance.
EM68932D
is
applied
to
reduce
leakage and refresh currents while achieving very
high speed. I/O transactions are possible on both
edges of the clock. The ranges of operating
frequencies,
programmable
burst
length
and
programmable latencies allow the device to be
useful for a variety of high performance memory
system applications.
Table 1. Ordering Information
Part Number
Clock Frequency IDD6 Package
EM68932DVKB-6H
166MHz
200
µA VFBGA
EM68932DVKB-75H
133MHz
200
µA VFBGA
VK: indicates VFBGA package
B: indicates Generation Code
H: indicates Pb and Halogen Free for VFBGA Package
Figure 1. Ball Assignment (Top View)
…
A
B
C
D
E
1
2
3
789
.
VSS
DQ31
VDDQ
DQ29
VSSQ
DQ27
VDDQ
DQ25
VSSQ
DQS3
VSSQ
DQ30
DQ28
DQ26
DQ24
.
VDDQ
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQS2
VDD
VSSQ
VDDQ
VSSQ
VDDQ
F
VDD
DM3
NC
NC
DM2
VSS
G
CKE
CK
CK
WE
CAS
RAS
H
A9
A11
NC
CS
BA0
BA1
J
A6
A7
A8
A0
A1
K
A4
DM1
A5
A2
DM0
A3
L
VSSQ
DQS1
DQ8
DQ7
DQS0
VDDQ
M
VDDQ
DQ9
DQ10
DQ5
DQ6
VSSQ
N
VSSQ
DQ11
DQ12
DQ3
DQ4
VDDQ
P
VDDQ
DQ13
DQ14
DQ1
DQ2
VSSQ
R
VSS
DQ15
VSSQ
VDDQ
DQ0
VDD
A10/AP


Similar Part No. - EM68932DVKB

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKA-6H ETRON-EM68932DVKA-6H Datasheet
326Kb / 40P
4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKA-75H ETRON-EM68932DVKA-75H Datasheet
326Kb / 40P
4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
More results

Similar Description - EM68932DVKB

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68B16DVAA ETRON-EM68B16DVAA Datasheet
328Kb / 40P
32M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM68B32DVKA ETRON-EM68B32DVKA Datasheet
328Kb / 40P
16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68916DVAA ETRON-EM68916DVAA Datasheet
326Kb / 40P
8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM639325TS-5IG ETRON-EM639325TS-5IG Datasheet
409Kb / 47P
4M x 32 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com