Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM68932DVKB Datasheet(PDF) 35 Page - Etron Technology, Inc.

Part # EM68932DVKB
Description  4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68932DVKB Datasheet(HTML) 35 Page - Etron Technology, Inc.

Back Button EM68932DVKB Datasheet HTML 31Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 32Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 33Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 34Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 35Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 36Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 37Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 38Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 39Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
EtronTech
EM68932DVKB
Etron Confidential
35
Rev. 1.0
Aug. 2009
Figure 27. Random Write Cycles
WRITE
WRITE
WRITE
WRITE
WRITE
BA, Col b
BA, Col x
BA, Col n
BA, Col a
BA, Col g
DQS
DQ
CK
CK
DI b
DI b
DI x
DI x
DM
tDQSS max
DI a
DI a
Command
Address
DI n
DI n
Don’t Care
(1) DI b etc. = Data In to column b, etc. ;
b’, etc. = the next Data In following DI b, etc. according to the programmed burst order
(2) Programmed burst length = 2, 4, or 8 in cases shown. If burst of 4 or 8 , burst would be truncated.
(3) Each WRITE command may be to any active bank and may be to the same or different devices.
Figure 28. Non-Interrupting Write to Read
Don’t Care
WRITE
NOP
NOP
NOP
READ
NOP
BA, Col b
BA, Col n
DQS
DQ
CK
CK
(1) DI b = Data In to column b.
3 subsequent elements of Data In are applied in the programmed order following DI b.
(2) A non-interrupted burst of 4 is shown.
(3) tWTR is referenced from the positive clock edge after the last Data In pair.
(4) A10 is LOW with the WRITE command (Auto Precharge is disabled)
(5) The READ and WRITE commands are to the same device but not necessarily to the same bank.
DI b
DM
tDQSS max
Command
Address
tWTR
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com