Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM68932DVKB Datasheet(PDF) 14 Page - Etron Technology, Inc.

Part # EM68932DVKB
Description  4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68932DVKB Datasheet(HTML) 14 Page - Etron Technology, Inc.

Back Button EM68932DVKB Datasheet HTML 10Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 11Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 12Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 13Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 14Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 15Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 16Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 17Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 18Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
EtronTech
EM68932DVKB
Etron Confidential
14
Rev. 1.0
Aug. 2009
Table 8. Absolute Maximum Rating
Rating
Symbol
Parameter
-6/75
Unit
VIN, VOUT
I/O Pins Voltage
-0.5~2.7
V
VDD, VDDQ
Power Supply Voltage
-0.5~2.7
V
TA
Ambient Temperature
-25~85
°C
TSTG
Storage Temperature
- 55~150
°C
PD
Power Dissipation
0.7
W
IOUT
Short Circuit Output Current
50
mA
Note:
1. Stress greater than those listed under “Absolute Maximum Ratings” may cause permanent damage of the
devices.
2. All voltages are referenced to VSS.
3. Functional operation should be restricted to Recommended Operating Conditions.
4. Exposure to higher than the recommended voltages for extended periods of time could affect device
reliability
Table 9. Recommended D.C. Operating Conditions (VDD=1.7V~1.95V, TA =-25~85°C)
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
VDD
1.7
1.95
V
Power Supply Voltage (for I/O Buffer)
VDDQ
1.7
1.95
V
Input High Voltage (DC)
VIH (DC)
0.7 x VDDQ
VDDQ + 0.3
V
Input Low Voltage (DC)
VIL (DC)
-0.3
0.3 x VDDQ
V
Input leakage current
IIL
-2
2
µA
Output leakage current
IOZ
-5
5
µA
Output High Voltage
VOH
0.9 x VDDQ
-
V
IOH=-0.1mA
Output Low Voltage
VOL
-
0.1 x VDDQ
V
IOL=0.1mA
Note: These parameters are guaranteed by design, periodically sampled and are not 100% tested.
Table 10. Capacitance (VDD=1.7V~1.95V, f = 1MHz, TA = 25 °C)
Symbol
Parameter
Min.
Max.
Delta
Unit
CIN1
Input Capacitance (CK, CK )
1.5
3
0.25
pF
CIN2
Input Capacitance (all other input-only pins )
1.5
3
0.5
pF
CI/O
DQ, DQS, DM Input/Output Capacitance
3
5
0.5
pF
Note: These parameters are guaranteed by design, periodically sampled and are not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com