Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM68932DVKB Datasheet(PDF) 4 Page - Etron Technology, Inc.

Part # EM68932DVKB
Description  4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68932DVKB Datasheet(HTML) 4 Page - Etron Technology, Inc.

  EM68932DVKB Datasheet HTML 1Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 2Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 3Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 4Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 5Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 6Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 7Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 8Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
EtronTech
EM68932DVKB
Etron Confidential
4
Rev. 1.0
Aug. 2009
DQ0 – DQ31
Input /
Output
Data I/O: The DQ0-DQ31 input and output data are synchronized with the positive
edges of CK and CK . The I/Os are byte-maskable during Writes.
VDD
Supply
Power Supply: +1.8V+0.15V/-0.1V
VSS
Supply
Ground
VDDQ
Supply
DQ Power: +1.8V+0.15V/-0.1V. Provide isolated power to DQs for improved noise
immunity.
VSSQ
Supply
DQ Ground: Provide isolated ground to DQs for improved noise immunity.
NC
-
No Connect: No internal connection, these pins suggest to be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com