Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM68932DVKB Datasheet(PDF) 18 Page - Etron Technology, Inc.

Part # EM68932DVKB
Description  4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68932DVKB Datasheet(HTML) 18 Page - Etron Technology, Inc.

Back Button EM68932DVKB Datasheet HTML 14Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 15Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 16Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 17Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 18Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 19Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 20Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 21Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 22Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
EtronTech
EM68932DVKB
Etron Confidential
18
Rev. 1.0
Aug. 2009
Table 16. Recommended A.C. Operating Conditions (VDD=1.7V~1.95V, TA =-25~85°C)
Parameter
Symbol
Min.
Max.
Unit Note
Input High Voltage (AC)
VIH (AC)
0.8 x VDDQ
VDDQ+0.3
V
1
Input Low Voltage (AC)
VIL (AC)
-0.3
0.2 x VDDQ
V
1
Input Crossing Point Voltage, CK and CK inputs VIX (AC)
0.4 x VDDQ
0.6 x VDDQ
V
2
Note:
1. These parameters should be tested at the pin on actual components and may be checked at either the pin
or the pad in simulation.
2. The value of VIX is expected to equal 0.5 x VDDQ of the transmitting device and must track variation in the DC
level of the same.
Table 17. LVCMOS Interface
Reference Level of Output Signals
0.5 x VDDQ
Output Load
Reference to the Test Load
Input Signal Levels (VIH/ VIL)
0.8 x VDDQ / 0.2 x VDDQ
Input Signals Slew Rate
1 V/ns
Reference Level of Input Signals
0.5 x VDDQ
Figure 4. LVCMOS A.C. Test Load
Output
Z0=50Ω
50Ω
20pF
0.5 x VDDQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com