Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM68932DVKB Datasheet(PDF) 3 Page - Etron Technology, Inc.

Part # EM68932DVKB
Description  4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68932DVKB Datasheet(HTML) 3 Page - Etron Technology, Inc.

  EM68932DVKB Datasheet HTML 1Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 2Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 3Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 4Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 5Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 6Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 7Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 8Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
EtronTech
EM68932DVKB
Etron Confidential
3
Rev. 1.0
Aug. 2009
Pin Descriptions
Table 2. Pin Details of EM68932D
Symbol
Type
Description
CK, CK
Input
Differential Clock: CK and CK are differential clock inputs. All address and
control input signals are sampled on the crossing of the positive edge of CK and
negative edge of CK . Input and output data is referenced to the crossing of CK and
CK (both directions of the crossing)
CKE
Input
Clock Enable: CKE activates (HIGH) and deactivates (LOW) the CK signal.
Internal clock signals and device input buffers and output drivers. Taking CKE Low
provides Precharge Power Down and Self Refresh operation (all banks idle) or
Active Power Down (Row Active in any bank). CKE is synchronous for all functions
except for disabling outputs, which is asynchronous. Input buffers, excluding
CK, CK and CKE, are disabled during Power Down and Self Refresh modes to
reduce standby power consumption.
BA0, BA1
Input
Bank Activate: BA0 and BA1 define to which bank the BankActivate, Read, Write,
or BankPrecharge command is being applied. BA0 and BA1 also determine which
mode register (MRS or EMRS) is loaded during a Mode Register Set command.
A0-A11
Input
Address Inputs: A0-A11 are sampled during the BankActivate command (row
address A0-A11) and Read/Write command (column address A0-A7 with A10
defining Auto Precharge).
CS
Input
Chip Select: CS enables (sampled LOW) and disables (sampled HIGH) the
command decoder. All commands are masked when CS is sampled HIGH.
CS provides for external bank selection on systems with multiple banks. It is
considered part of the command code.
RAS
Input
Row Address Strobe: The RAS signal defines the operation commands in
conjunction with the CAS and WE signals and is latched at the positive edges of
CK. When RAS and CS are asserted "LOW" and CAS is asserted "HIGH," either
the BankActivate command or the Precharge command is selected by the WE
signal. When the WE is asserted "HIGH," the BankActivate command is selected
and the bank designated by BA is turned on to the active state. When the WE is
asserted "LOW," the Precharge command is selected and the bank designated by
BA is switched to the idle state after the precharge operation.
CAS
Input
Column Address Strobe: The CAS signal defines the operation commands in
conjunction with the RAS and WE signals and is latched at the positive edges of
CK. When RAS is held "HIGH" and CS is asserted "LOW," the column access is
started by asserting CAS "LOW." Then, the Read or Write command is selected
by asserting WE "HIGH " or LOW"."
WE
Input
Write Enable: The WE signal defines the operation commands in conjunction
with the RAS and CAS signals and is latched at the positive edges of CK. The
WE input is used to select the BankActivate or Precharge command and Read or
Write command.
DQS0 -DQS3
Input /
Output
Bidirectional Data Strobe: The DQSx signals are mapped to the following data
bytes: DQS0 to DQ0-DQ7, DQS1 to DQ8-DQ15, DQS2 to DQ16-DQ23, and DQS3
to DQ24-DQ31.
DM0 - DM3
Input
Data Input Mask: DM0-DM3 are byte specific. Input data is masked when DM is
sampled HIGH during a write cycle. DM3 masks DQ31-DQ24, DM2 masks DQ23-
DQ16, DM1 masks DQ15-DQ8, and DM0 masks DQ7-DQ0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com