Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM68932DVKB Datasheet(PDF) 6 Page - Etron Technology, Inc.

Part # EM68932DVKB
Description  4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68932DVKB Datasheet(HTML) 6 Page - Etron Technology, Inc.

Back Button EM68932DVKB Datasheet HTML 2Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 3Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 4Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 5Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 6Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 7Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 8Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 9Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 10Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
EtronTech
EM68932DVKB
Etron Confidential
6
Rev. 1.0
Aug. 2009
Functional Description
This 128Mb Mobile DDR SDRAM is a high-speed CMOS, dynamic random-access memory containing
134,217,728 bits. It is internally configured as a quad-bank DRAM. Each of the 33,554,432-bit banks is
organized as 4,096 rows by 256 columns by 32 bits. The 128Mb Mobile DDR SDRAM uses a double data rate
architecture to achieve high speed operation. EM68932D is applied to reduce leakage and refresh currents
while achieving very high speed. The double data rate architecture is essentially a 2n-prefetch architecture,
with an interface designed to transfer two data words per clock cycle at the I/O balls. Single read or write
access for the 128Mb Mobile DDR SDRAM consists of a single 2n-bit wide, one-clock-cycle data transfer at
the internal DRAM core and two corresponding n-bit wide, one-half-clock-cycle data transfers at the I/O balls.
Read and write accesses to the Mobile DDR SDRAM are burst oriented; accesses start at a selected location
and continue for a programmed number of locations in a programmed sequence. Accesses begin with an
Active command, which is then followed by a Read or Write command. The address bits registered coincident
with the Active command are used to select the bank and row to be accessed (BA0, BA1 select the bank, A0-
A11 select the row). The address bits (BA0, BA1 select the bank, A0-A7 select the column) registered
coincident with the READ or WRITE command are used to select the starting column location for the burst
access.
Note that the DLL (Delay Lock Loop) circuitry used on standard DDR devices is not included in the Mobile
DDR SDRAM. It has been omitted to save power.
Prior to normal operation, the Mobile DDR SDRAM must be initialized.
Power-Up and Initialization
Mobile DDR SDRAMs must be powered up and initialized in a predefined manner. Operational procedures
other than those specified may result in undefined operation. To properly initialize the Mobile DDR SDRAM,
this sequence must be followed:
1. To prevent device latch-up, it is recommended that core power (VDD) and I/O power (VDDQ) be from the
same power source and be brought up simultaneously. If separate power sources are used, VDD must
lead VDDQ.
2. Once power supply voltages are stable and CKE has been driven High, it is safe to apply the clock.
3. Once the clock is stable, a 200
µs (minimum) delay is required by the Mobile DDR SDRAM prior to
applying an executable command. During this time, NOP or Deselect commands must be issued on the
command bus.
4. Issue a Precharge All command.
5. Issue NOP or Deselect commands for at least tRP time.
6. Issue an Auto Refresh command followed by NOP or Deselect commands for at least tRFC time. Issue a
second Auto Refresh command followed by NOP or Deselect commands for at least tRFC time. As part of
the individualization sequence, two Auto Refresh commands must be issued. Typically, both of these
commands are issued at this stage as described above. Alternately, the second Auto Refresh command
and NOP or Deselect sequence can be issued between steps 10 and 11.
7. Using the Mode Register Set command, load the standard Mode Register as desired.
8. Issue NOP or Deselect commands for at least tMRD time.
9. Using the Mode Register Set command, load the Extended Mode Register to the desired operating
modes. Note that the sequence in which the standard and extended mode registers are programmed is
not critical.
10. Issue NOP or Deselect commands for at least tMRD time.
11. The Mobile DDR SDRAM has been properly initialized and is ready to receive any valid command
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com