Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP214 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 9Page - ATMEL Corporation AT89LP214 Datasheet HTML 10Page - ATMEL Corporation AT89LP214 Datasheet HTML 11Page - ATMEL Corporation AT89LP214 Datasheet HTML 12Page - ATMEL Corporation AT89LP214 Datasheet HTML 13Page - ATMEL Corporation AT89LP214 Datasheet HTML 14Page - ATMEL Corporation AT89LP214 Datasheet HTML 15Page - ATMEL Corporation AT89LP214 Datasheet HTML 16Page - ATMEL Corporation AT89LP214 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
13
3538D–MICRO–10/09
AT89LP213/214
9.2
External Clock Source
The external clock option disables the oscillator amplifier and allows XTAL1 to be driven directly
by the clock source as shown in Figure 9-2. XTAL2 may be left unconnected, used as P3.3 I/O,
or configured to output a divided version of the system clock.
Figure 9-2.
External Clock Drive Configuration
9.3
Internal RC Oscillator
The AT89LP213/214 has an internal RC oscillator tuned to 8.0 MHz ±1.0% at 5.0V and 25
° C.
When enabled as the clock source, XTAL1 and XTAL2 may be used as P3.2 and P3.3 respec-
tively. XTAL2 may also be configured to output a divided version of the system clock. The
frequency of the oscillator may be adjusted by changing the RC Adjust Fuses. (See “User Con-
figuration Fuses” on page 72). A copy of the initial factory setting is stored at location 0007h of
the Atmel SIgnature.
9.4
System Clock Out
When the AT89LP213/214 is configured to use either an external clock or the internal RC oscil-
lator, a divided version of the system clock may be output on XTAL2 (P3.3). The Clock Out
feature is enabled by setting the COE bit in CLKREG. The two CDV bits determine the clock
divide ratio. For example, setting COE = “1” and CDIV = “00” when using the internal oscillator
will result in a 4.0 MHz clock output on P3.3. P3.3 must be configured as an output in order to
use the clock out feature.
XTAL2 (P3.3)
XTAL1 (P3.2)
GND
NC, GPIO, or
CLKOUT
EXTERNAL
OSCILLATOR
SIGNAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com