Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP214 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 32Page - ATMEL Corporation AT89LP214 Datasheet HTML 33Page - ATMEL Corporation AT89LP214 Datasheet HTML 34Page - ATMEL Corporation AT89LP214 Datasheet HTML 35Page - ATMEL Corporation AT89LP214 Datasheet HTML 36Page - ATMEL Corporation AT89LP214 Datasheet HTML 37Page - ATMEL Corporation AT89LP214 Datasheet HTML 38Page - ATMEL Corporation AT89LP214 Datasheet HTML 39Page - ATMEL Corporation AT89LP214 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
36
3538D–MICRO–10/09
AT89LP213/214
14.5.4
Mode 3 – Split 8-bit PWM
Timer 1 in PWM Mode 3 simply holds its count. The effect is the same as setting TR1 = 0.
Timer 0 in PWM Mode 3 establishes TL0 and TH0 as two separate PWM counters in a manner
similar to normal Mode 3. PWM Mode 3 on Timer 0 is shown in Figure 14-10. Only the Timer
Prescaler is available to change the output frequency during PWM Mode 3. TL0 can use the
Timer 0 control bits: GATE, TR0, INT0, PWM0EN and TF0. TH0 is locked into a timer function
and uses TR1, PWM1EN and TF1. RL0 provides the duty cycle for TL0 and RH0 provides the
duty cycle for TH0.
PWM Mode 3 is for applications requiring a single PWM channel and two timers, or two PWM
channels and an extra timer or counter. With Timer 0 in PWM Mode 3, the AT89LP213 can
appear to have three Timer/Counters. When Timer 0 is in PWM Mode 3, Timer 1 can be turned
on and off by switching it out of and into its own Mode 3. In this case, Timer 1 can still be used by
the serial port as a baud rate generator or in any application not requiring an interrupt. The fol-
lowing formulas give the output frequency and duty cycle for Timer 0 in PWM Mode 3.
Figure 14-10. Timer/Counter 0 PWM Mode 3
Mode 3:
f
out
Oscillator Frequency
256
-------------------------------------------------------
1
TPS
1
+
---------------------
×
=
Mode 3, T0:
Duty Cycle %
100
RL0
256
-----------
×
=
Mode 3, T1:
Duty Cycle %
100
RH0
256
------------
×
=
OSC
TR0
GATE
INT0 Pin
Control
TL0
(8 Bits)
OCR0
RL0
(8 Bits)
=
T0
OSC
TH0
(8 Bits)
OCR1
RH0
(8 Bits)
=
T1
TR1
÷TPS
÷TPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com