Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP214 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 35Page - ATMEL Corporation AT89LP214 Datasheet HTML 36Page - ATMEL Corporation AT89LP214 Datasheet HTML 37Page - ATMEL Corporation AT89LP214 Datasheet HTML 38Page - ATMEL Corporation AT89LP214 Datasheet HTML 39Page - ATMEL Corporation AT89LP214 Datasheet HTML 40Page - ATMEL Corporation AT89LP214 Datasheet HTML 41Page - ATMEL Corporation AT89LP214 Datasheet HTML 42Page - ATMEL Corporation AT89LP214 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
39
3538D–MICRO–10/09
AT89LP213/214
17. Serial Interface
The serial interface on the AT89LP214 implements a Universal Asynchronous Receiver/Trans-
mitter (UART). The UART has the following features:
• Full Duplex Operation
• 8 or 9 Data Bits
• Framing Error Detection
• Multiprocessor Communication Mode with Automatic Address Recognition
• Baud Rate Generator Using Timer 1
• Interrupt on Receive Buffer Full or Transmission Complete
The serial interface is full duplex, which means it can transmit and receive simultaneously. It is
also receive-buffered, which means it can begin receiving a second byte before a previously
received byte has been read from the receive register. (However, if the first byte still has not
been read when reception of the second byte is complete, one of the bytes will be lost.) The
serial port receive and transmit registers are both accessed at the Special Function Register
SBUF. Writing to SBUF loads the transmit register, and reading SBUF accesses a physically
separate receive register. The serial port can operate in the following four modes.
• Mode 0: Serial data enters and exits through RXD. TXD outputs the shift clock. Eight data
bits are transmitted/received, with the LSB first. The baud rate is fixed at 1/2 the oscillator
frequency.
• Mode 1: 10 bits are transmitted (through TXD) or received (through RXD): a start bit (0),
8 data bits (LSB first), and a stop bit (1). On receive, the stop bit goes into RB8 in the Special
Function Register SCON. The baud rate is variable based on Timer 1.
• Mode 2: 11 bits are transmitted (through TXD) or received (through RXD): a start bit (0),
8 data bits (LSB first), a programmable 9th data bit, and a stop bit (1). On transmit, the 9th
data bit (TB8 in SCON) can be assigned the value of “0” or “1”. For example, the parity bit
(P, in the PSW) can be moved into TB8. On receive, the 9th data bit goes into RB8 in the
Special Function Register SCON, while the stop bit is ignored. The baud rate is
programmable to either 1/16 or 1/32 the oscillator frequency.
• Mode 3: 11 bits are transmitted (through TXD) or received (through RXD): a start bit (0),
8 data bits (LSB first), a programmable 9th data bit, and a stop bit (1). In fact, Mode 3 is the
same as Mode 2 in all respects except the baud rate, which is variable based on Timer 1 in
Mode 3.
In all four modes, transmission is initiated by any instruction that uses SBUF as a destination
register. Reception is initiated in Mode 0 by the condition RI = 0 and REN = 1. Reception is initi-
ated in the other modes by the incoming start bit if REN = 1.
17.1
Multiprocessor Communications
Modes 2 and 3 have a special provision for multiprocessor communications. In these modes,
9 data bits are received, followed by a stop bit. The 9th bit goes into RB8. Then comes a stop bit.
The port can be programmed such that when the stop bit is received, the serial port interrupt is
activated only if RB8 = 1. This feature is enabled by setting bit SM2 in SCON.
The following example shows how to use the serial interrupt for multiprocessor communications.
When the master processor must transmit a block of data to one of several slaves, it first sends
out an address byte that identifies the target slave. An address byte differs from a data byte in
that the 9th bit is “1” in an address byte and “0” in a data byte. With SM2 = 1, no slave is
interrupted by a data byte. An address byte, however, interrupts all slaves. Each slave can
examine the received byte and see if it is being addressed. The addressed slave clears its SM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com